전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYP300 데이터시트(PDF) 2 Page - Siemens Semiconductor Group

부품명 BYP300
상세설명  FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BYP300 데이터시트(HTML) 2 Page - Siemens Semiconductor Group

  BYP300 Datasheet HTML 1Page - Siemens Semiconductor Group BYP300 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Group
2
09.96
BYP 300
Preliminary data
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Forward voltage drop
IF = 4 A, Tj = 25 °C
IF = 4 A, Tj = 100 °C
VF
-
-
2
2.3
-
3
V
Reverse current
VR = 1200 V, Tj = 25 °C
VR = 1200 V, Tj = 100 °C
VR = 1200 V, Tj = 150 °C
IR
-
-
-
0.15
0.05
0.01
-
-
0.25
mA
AC Characteristics
Reverse recovery charge
IF = 4 A, VCC = 300 V, diF/dt = -800 A/µs
Tj = 100 °C
Qrr
-
0.8
-
µC
Peak reverse recovery current
IF = 4 A, VCC = 300 V, diF/dt = -800 A/µs
Tj = 100 °C
IRRM
-
22
-
A
Reverse recovery time
IF = 4 A, VCC = 300 V, diF/dt = -800 A/µs
Tj = 100 °C
trr
-
55
-
ns
Storage time
IF = 4 A, VCC = 300 V, diF/dt = -800 A/µs
Tj = 100 °C
tS
-
30
-
Softfaktor
IF = 4 A, VCC = 300 V, diF/dt = -800 A/µs
Tj = 100 °C
S
-
0.8
-
-


유사한 부품 번호 - BYP300

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BYP301 SIEMENS-BYP301 Datasheet
25Kb / 3P
   FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP302 SIEMENS-BYP302 Datasheet
26Kb / 3P
   FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP303 SIEMENS-BYP303 Datasheet
25Kb / 3P
   FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
More results

유사한 설명 - BYP300

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BYP100 SIEMENS-BYP100 Datasheet
19Kb / 2P
   FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP101 SIEMENS-BYP101 Datasheet
25Kb / 3P
   FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP103 SIEMENS-BYP103 Datasheet
25Kb / 3P
   FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP302 SIEMENS-BYP302 Datasheet
26Kb / 3P
   FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP102 SIEMENS-BYP102 Datasheet
25Kb / 3P
   FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP301 SIEMENS-BYP301 Datasheet
25Kb / 3P
   FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP303 SIEMENS-BYP303 Datasheet
25Kb / 3P
   FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
logo
IXYS Corporation
DSEI2X101-12 IXYS-DSEI2X101-12 Datasheet
80Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI60-12A IXYS-DSEI60-12A Datasheet
52Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI12 IXYS-DSEI12 Datasheet
77Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com