전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q67127-C1014 데이터시트(PDF) 31 Page - Siemens Semiconductor Group

부품명 Q67127-C1014
부품 상세설명  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67127-C1014 데이터시트(HTML) 31 Page - Siemens Semiconductor Group

Back Button Q67127-C1014 Datasheet HTML 27Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 28Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 29Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 30Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 31Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 32Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 33Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 34Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 35Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Semiconductor Group
31
1997-04-01
C501
DC Characteristics for C501-1E
V
CC = 5 V + 10 %, – 15 %; VSS = 0 V;
T
A = 0 ˚C to 70 ˚C
for the SAB-C501
T
A = – 40 ˚C to 85 ˚C
for the SAF-C501
Notes see next page.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Input low voltage (except
EA/VPP, RESET)
V
IL
– 0.5
0.2
V
CC – 0.1
V
Input low voltage (EA/VPP)
V
IL 1
– 0.5
0.1
V
CC – 0.1
V
Input low voltage (RESET)
V
IL 2
– 0.5
0.2
V
CC + 0.1
V
Input high voltage (except
XTAL1, EA/VPP, RESET)
V
IH
0.2
V
CC + 0.9
V
CC + 0.5
V
Input high voltage to XTAL1
V
IH 1
0.7
V
CC
V
CC + 0.5
V
Input high voltage to EA/VPP,
RESET
V
IH 2
0.6
V
CC
V
CC + 0.5
V
Output low voltage
(ports 1, 2, 3)
V
OL
0.45
V
I
OL = 1.6 mA
1)
Output low voltage
(port 0, ALE/PROG, PSEN)
V
OL 1
0.45
V
I
OL = 3.2 mA
1)
Output high voltage
(ports 1, 2, 3)
V
OH
2.4
0.9
V
CC
V
I
OH = – 80 µA,
I
OH = – 10 µA
Output high voltage
(port 0 in external bus mode,
ALE/PROG, PSEN)
V
OH 1
2.4
0.9
V
CC
V
I
OH = – 800 µA
2),
I
OH = – 80 µA
2)
Logic 0 input current
(ports 1, 2, 3)
I
IL
– 10
– 50
µA
V
IN = 0.45 V
Logical 1-to-0 transition
current (ports 1, 2, 3)
I
TL
– 65
– 650
µA
V
IN = 2 V
Input leakage current
(port 0, EA/VPP)
I
LI
± 1
µA
0.45 <
V
IN < VCC
Pin capacitance
C
IO
–10
pF
f
C = 1 MHz,
T
A = 25 ˚C
Power supply current:
Active mode, 12 MHz 7)
Idle mode, 12 MHz 7)
Active mode, 24 MHz 7)
Idle mode, 24 MHz 7)
Power Down Mode
I
CC
I
CC
I
CC
I
CC
I
PD
21
18
36.2
20
50
mA
mA
mA
mA
µA
V
CC = 5 V,
4)
V
CC = 5 V,
5)
V
CC = 5 V,
4)
V
CC = 5 V,
5)
V
CC = 2 … 5.5 V
3)


유사한 부품 번호 - Q67127-C1014

제조업체부품명데이터시트부품 상세설명
Infineon Technologies AG
Infineon Technologies A...
Q67127-C1014 INFINEON-Q67127-C1014 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
04.97
More results

유사한 설명 - Q67127-C1014

제조업체부품명데이터시트부품 상세설명
Toshiba Semiconductor
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
Siemens Semiconductor Group
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
Toshiba Semiconductor
Toshiba Semiconductor
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
   CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
   CMOS 8-Bit Microcontroller
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
   CMOS 8-BIT Microcontroller
Siemens Semiconductor Group
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
C517A SIEMENS-C517A_99 Datasheet
1Mb / 218P
   8-Bit CMOS Microcontroller
C504 SIEMENS-C504_97 Datasheet
2Mb / 225P
   8-Bit CMOS Microcontroller
C505_9708 SIEMENS-C505_9708 Datasheet
1Mb / 227P
   8-Bit CMOS Microcontroller
Toshiba Semiconductor
Toshiba Semiconductor
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
   CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz