전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q67127-C1014 데이터시트(PDF) 37 Page - Siemens Semiconductor Group

부품명 Q67127-C1014
부품 상세설명  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67127-C1014 데이터시트(HTML) 37 Page - Siemens Semiconductor Group

Back Button Q67127-C1014 Datasheet HTML 33Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 34Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 35Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 36Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 37Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 38Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 39Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 40Page - Siemens Semiconductor Group Q67127-C1014 Datasheet HTML 41Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Semiconductor Group
37
1997-04-01
C501
AC Characteristics for C501-L40 / C501-1R40
V
CC = 5 V + 10 %, – 15 %; VSS = 0 V
T
A = 0 ˚C to 70 ˚C
for the SAB-C501
T
A = – 40 ˚C to 85 ˚C
for the SAF-C501
(
C
L for port 0, ALE and PSEN outputs = 100 pF; CL for all other outputs = 80 pF)
Program Memory Characteristics
*) Interfacing the C501 to devices with float times up to 25ns is permissible. This limited bus contention will not
cause any damage to port 0 Drivers.
Parameter
Symbol
Limit Values
Unit
40 MHz
Clock
Variable Clock
1/
t
CLCL = 3.5 MHz to 40 MHz
min.
max.
min.
max.
ALE pulse width
t
LHLL
35
2 t
CLCL– 15
ns
Address setup to ALE
t
AVLL
10
t
CLCL– 15
ns
Address hold after ALE
t
LLAX
10
t
CLCL– 15
ns
ALE low to valid instr in
t
LLIV
–55
4
t
CLCL– 45
ns
ALE to PSEN
t
LLPL
10
t
CLCL– 15
ns
PSEN pulse width
t
PLPH
60
3
t
CLCL– 15
ns
PSEN to valid instr in
t
PLIV
–25
3
t
CLCL– 50
ns
Input instruction hold after PSEN
t
PXIX
0–0
ns
Input instruction float after PSEN
t
PXIZ
*)
–20
t
CLCL– 5
ns
Address valid after PSEN
t
PXAV
*)
20
t
CLCL– 5
ns
Address to valid instr in
t
AVIV
–65
5
t
CLCL– 60
ns
Address float to PSEN
t
AZPL
– 5
– 5
ns


유사한 부품 번호 - Q67127-C1014

제조업체부품명데이터시트부품 상세설명
Infineon Technologies AG
Infineon Technologies A...
Q67127-C1014 INFINEON-Q67127-C1014 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
04.97
More results

유사한 설명 - Q67127-C1014

제조업체부품명데이터시트부품 상세설명
Toshiba Semiconductor
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
Siemens Semiconductor Group
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
Toshiba Semiconductor
Toshiba Semiconductor
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
   CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
   CMOS 8-Bit Microcontroller
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
   CMOS 8-BIT Microcontroller
Siemens Semiconductor Group
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
C517A SIEMENS-C517A_99 Datasheet
1Mb / 218P
   8-Bit CMOS Microcontroller
C504 SIEMENS-C504_97 Datasheet
2Mb / 225P
   8-Bit CMOS Microcontroller
C505_9708 SIEMENS-C505_9708 Datasheet
1Mb / 227P
   8-Bit CMOS Microcontroller
Toshiba Semiconductor
Toshiba Semiconductor
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
   CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz