전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67121-C942 데이터시트(PDF) 40 Page - Siemens Semiconductor Group

부품명 Q67121-C942
상세설명  16-Bit CMOS Single-Chip Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67121-C942 데이터시트(HTML) 40 Page - Siemens Semiconductor Group

Back Button Q67121-C942 Datasheet HTML 36Page - Siemens Semiconductor Group Q67121-C942 Datasheet HTML 37Page - Siemens Semiconductor Group Q67121-C942 Datasheet HTML 38Page - Siemens Semiconductor Group Q67121-C942 Datasheet HTML 39Page - Siemens Semiconductor Group Q67121-C942 Datasheet HTML 40Page - Siemens Semiconductor Group Q67121-C942 Datasheet HTML 41Page - Siemens Semiconductor Group Q67121-C942 Datasheet HTML 42Page - Siemens Semiconductor Group Q67121-C942 Datasheet HTML 43Page - Siemens Semiconductor Group Q67121-C942 Datasheet HTML 44Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
C167CR
Semiconductor Group
37
Absolute Maximum Ratings
Ambient temperature under bias (
T
A):
SAB-C167CR-LM............................................................................................................0 to + 70
°C
SAF-C167CR-LM
.................................................................................................................. − 40 to + 85 °C
SAK-C167CR-LM
................................................................................................................− 40 to + 125 °C
Storage temperature (
T
ST)........................................................................................– 65 to + 150 °C
Voltage on
V
CC pins with respect to ground (VSS) ............................................................− 0.5 to + 6.5 V
Voltage on any pin with respect to ground (
V
SS) ...................................................... − 0.5 to VCC + 0.5 V
Input current on any pin during overload condition
........................................................− 10 to + 10 mA
Absolute sum of all input currents during overload condition.............................................. |100 mA|
Power dissipation..................................................................................................................... 1.5 W
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability. During overload conditions (
V
IN > VCC or VIN < VSS) the
voltage on pins with respect to ground (
V
SS) must not exceed the values defined by the
Absolute Maximum Ratings.
Parameter Interpretation
The parameters listed in the following partly represent the characteristics of the C167CR and partly
its demands on the system. To aid in interpreting the parameters right, when evaluating them for a
design, they are marked in column “Symbol”:
CC (Controller Characteristics):
The logic of the C167CR will provide signals with the respective timing characteristics.
SR (System Requirement):
The external system must provide signals with the respective timing characteristics to the C167CR.


유사한 부품 번호 - Q67121-C942

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67121-C900 SIEMENS-Q67121-C900 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
Q67121-C923 SIEMENS-Q67121-C923 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
More results

유사한 설명 - Q67121-C942

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
C161V SIEMENS-C161V Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C166 INFINEON-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
Data Sheet 09.94
logo
Siemens Semiconductor G...
C161RI SIEMENS-C161RI_1 Datasheet
2Mb / 317P
   16-Bit CMOS Single-Chip Microcontroller
logo
Epson Company
S1C17701 EPSON-S1C17701 Datasheet
115Kb / 6P
   CMOS 16-bit Single Chip Microcontroller
logo
Siemens Semiconductor G...
SABC161RI-L16M SIEMENS-SABC161RI-L16M Datasheet
614Kb / 60P
   16-Bit CMOS Single-Chip Microcontroller
SAB80C166 SIEMENS-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
C164CI INFINEON-C164CI Datasheet
611Kb / 53P
   16-bit CMOS Single-Chip Microcontroller
1998-02
logo
Siemens Semiconductor G...
C167SR SIEMENS-C167SR Datasheet
680Kb / 66P
   16-Bit CMOS Single-Chip Microcontroller
logo
OKI electronic componet...
MSM67P620 OKI-MSM67P620 Datasheet
538Kb / 14P
   HIGH PERFORMANCE CMOS 16-BIT SINGLE CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com