전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C2005 데이터시트(PDF) 26 Page - Siemens Semiconductor Group

부품명 Q67120-C2005
상세설명  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C2005 데이터시트(HTML) 26 Page - Siemens Semiconductor Group

Back Button Q67120-C2005 Datasheet HTML 22Page - Siemens Semiconductor Group Q67120-C2005 Datasheet HTML 23Page - Siemens Semiconductor Group Q67120-C2005 Datasheet HTML 24Page - Siemens Semiconductor Group Q67120-C2005 Datasheet HTML 25Page - Siemens Semiconductor Group Q67120-C2005 Datasheet HTML 26Page - Siemens Semiconductor Group Q67120-C2005 Datasheet HTML 27Page - Siemens Semiconductor Group Q67120-C2005 Datasheet HTML 28Page - Siemens Semiconductor Group Q67120-C2005 Datasheet HTML 29Page - Siemens Semiconductor Group Q67120-C2005 Datasheet HTML 30Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
C501
Semiconductor Group
26
1997-04-01
Quick-Pulse Programming
The setup for microcontroller quick-pulse programming is shown in figure 10. Note that the C501-
1E is running with a 4 to 6 MHz oscillator The reason the oscillator needs to be running is that the
device is executing internal address and program data transfers.
The address of the OTP memory location to be programmed is applied to port 1 and 2 as shown in
figure 10. The code byte to be programmed into that location is applied to port 0. RESET, PSEN
and pins of port 2 and 3 specified in table 11 are held at the “Program code data“ levels. The ALE/
PROG signal is pulsed low 25 times as shown in figure 11.
For programming of the encryption table, the 25 pulse programming sequence must be repeated for
addresses 0 through 1FH, using the “Program encrytion table“ levels. After the encryption table is
programmed, verification cycles will produce only encrypted data.
For programming of the security bits, the 25 pulse programming sequence must be repeat using the
“Program security bit“ levels. After one security bit is programmed, further programming of the code
memory and encryption table is disabled. However, the other security bit can still be programmed.
Note that the EA/VPP pin must not be allowed to go above the maximum specified VPP level. for any
amount of time. Even a narrow glitch above that voltage can cause permanent damage to the
device. The VPP source should be well regulated and free of glitches and overshoots.
Program Verification
If security bit 2 has not been programmed, the on-chip OTP program memory can be read out for
program verification. The address of the OTP program memory locations to be read is applied to
ports 1 and 2 as shown in figure 12. The other pins are held at the “Verify code data“ levels
indicated in table 11. The contents of the address location will be emitted on port 0. External pullups
are required on port 0 for this operation.
If the encryption table has been programmed, the data presented at port 0 will be the exclusive NOR
of the program byte with one of the encryption bytes. The user will have to know the encryption
table contents in order to correctly decode the verification data. The encryption table itself cannot be
read out.
Reading the SIgnature Bytes
The signature bytes are read by the same procedure as a normal verification of loctions 30H and
31H, except that P3.6 and P3.7 need to be pulled to a logic low. The values are :
30H = E0H indicates manufacturer
31H = 71H indicates C501-1E


유사한 부품 번호 - Q67120-C2005

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
Q67120-C2005 INFINEON-Q67120-C2005 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
04.97
More results

유사한 설명 - Q67120-C2005

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com