전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C2008 데이터시트(PDF) 12 Page - Siemens Semiconductor Group

부품명 Q67120-C2008
상세설명  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C2008 데이터시트(HTML) 12 Page - Siemens Semiconductor Group

Back Button Q67120-C2008 Datasheet HTML 8Page - Siemens Semiconductor Group Q67120-C2008 Datasheet HTML 9Page - Siemens Semiconductor Group Q67120-C2008 Datasheet HTML 10Page - Siemens Semiconductor Group Q67120-C2008 Datasheet HTML 11Page - Siemens Semiconductor Group Q67120-C2008 Datasheet HTML 12Page - Siemens Semiconductor Group Q67120-C2008 Datasheet HTML 13Page - Siemens Semiconductor Group Q67120-C2008 Datasheet HTML 14Page - Siemens Semiconductor Group Q67120-C2008 Datasheet HTML 15Page - Siemens Semiconductor Group Q67120-C2008 Datasheet HTML 16Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
C501
Semiconductor Group
12
1997-04-01
P0.0 – P0.7 43–36
39–32
37–30
I/O
Port 0
is an 8-bit open-drain bidirectional I/O
port. Port 0 pins that have 1s written to
them float, and in that state can be used
as high-impedance inputs. Port 0 is also
the multiplexed low-order address and
data bus during accesses to external
program or data memory. In this
application it uses strong internal pull-up
resistors when issuing 1s.
Port 0 also outputs the code bytes during
program verification in the C501-1R and
C501-1E. External pull-up resistors are
required during program verification.
V
SS
22
20
16
Circuit ground potential
V
CC
44
40
38
Supply terminal for all operating modes
N.C.
1, 12,
23, 34
6, 17,
28, 39
No connection
*) I
= Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*) Function
P-LCC-44 P-DIP-40 P-MQFP-44


유사한 부품 번호 - Q67120-C2008

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
Q67120-C2008 INFINEON-Q67120-C2008 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
04.97
More results

유사한 설명 - Q67120-C2008

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com