전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q67121-C1066 데이터시트(PDF) 8 Page - Siemens Semiconductor Group

부품명 Q67121-C1066
부품 상세설명  8-Bit CMOS Microcontroller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67121-C1066 데이터시트(HTML) 8 Page - Siemens Semiconductor Group

Back Button Q67121-C1066 Datasheet HTML 4Page - Siemens Semiconductor Group Q67121-C1066 Datasheet HTML 5Page - Siemens Semiconductor Group Q67121-C1066 Datasheet HTML 6Page - Siemens Semiconductor Group Q67121-C1066 Datasheet HTML 7Page - Siemens Semiconductor Group Q67121-C1066 Datasheet HTML 8Page - Siemens Semiconductor Group Q67121-C1066 Datasheet HTML 9Page - Siemens Semiconductor Group Q67121-C1066 Datasheet HTML 10Page - Siemens Semiconductor Group Q67121-C1066 Datasheet HTML 11Page - Siemens Semiconductor Group Q67121-C1066 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
C515C
Semiconductor Group
8
1997-07-01
P3.0-P3.7
15-22
15
16
17
18
19
20
21
22
I/O
Port 3
is an 8-bit quasi-bidirectional I/O port with internal pullup
resistors. Port 3 pins that have 1's written to them are
pulled high by the internal pullup resistors, and in that
state can be used as inputs. As inputs, port 3 pins being
externally pulled low will source current (I IL, in the DC
characteristics) because of the internal pullup resistors.
Port 3 also contains the interrupt, timer, serial port and
external memory strobe pins that are used by various
options. The output latch corresponding to a secondary
function must be programmed to a one (1) for that
function to operate. The secondary functions are
assigned to the pins of port 3, as follows:
P3.0
RXD
Receiver data input (asynch.) or
data input/output (synch.) of serial
interface
P3.1
TXD
Transmitter data output (asynch.) or
clock output (synch.) of serial
interface
P3.2
INT0
External interrupt 0 input / timer 0
gate control input
P3.3
INT1
External interrupt 1 input / timer 1
gate control input
P3.4
T0
Timer 0 counter input
P3.5
T1
Timer 1 counter input
P3.6
WR
WR control output; latches the data
byte from port 0 into the external
data memory
P3.7
RD
RD control output; enables the
external data memory
*) I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*)
Function
P-MQFP-80


유사한 부품 번호 - Q67121-C1066

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
Q67121-C1060 SIEMENS-Q67121-C1060 Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
Q67121-C1061 SIEMENS-Q67121-C1061 Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
Q67121-C1068 SIEMENS-Q67121-C1068 Datasheet
634Kb / 58P
   8-Bit CMOS Microcontroller
Q67121-C1069 SIEMENS-Q67121-C1069 Datasheet
634Kb / 58P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67121-C1066

제조업체부품명데이터시트부품 상세설명
Toshiba Semiconductor
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
Siemens Semiconductor Group
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
Toshiba Semiconductor
Toshiba Semiconductor
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
   CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
   CMOS 8-Bit Microcontroller
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
   CMOS 8-BIT Microcontroller
Siemens Semiconductor Group
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
C517A SIEMENS-C517A_99 Datasheet
1Mb / 218P
   8-Bit CMOS Microcontroller
C504 SIEMENS-C504_97 Datasheet
2Mb / 225P
   8-Bit CMOS Microcontroller
C505_9708 SIEMENS-C505_9708 Datasheet
1Mb / 227P
   8-Bit CMOS Microcontroller
Toshiba Semiconductor
Toshiba Semiconductor
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
   CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz