전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C1017 데이터시트(PDF) 32 Page - Siemens Semiconductor Group

부품명 Q67120-C1017
상세설명  8-Bit CMOS Microcontroller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C1017 데이터시트(HTML) 32 Page - Siemens Semiconductor Group

Back Button Q67120-C1017 Datasheet HTML 28Page - Siemens Semiconductor Group Q67120-C1017 Datasheet HTML 29Page - Siemens Semiconductor Group Q67120-C1017 Datasheet HTML 30Page - Siemens Semiconductor Group Q67120-C1017 Datasheet HTML 31Page - Siemens Semiconductor Group Q67120-C1017 Datasheet HTML 32Page - Siemens Semiconductor Group Q67120-C1017 Datasheet HTML 33Page - Siemens Semiconductor Group Q67120-C1017 Datasheet HTML 34Page - Siemens Semiconductor Group Q67120-C1017 Datasheet HTML 35Page - Siemens Semiconductor Group Q67120-C1017 Datasheet HTML 36Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Semiconductor Group
32
C511 / C513
Notes:
1)
Capacitive loading on ports 0 and 2 may cause spurious noise pulses to be superimposed on the
VOL of ALE
and port 3. The noise is due to external bus capacitance discharging into the port 0 and port 2 pins when these
pins make 1-to-0 transitions during bus operation. In the worst case (capacitive loading > 100 pF), the noise
pulse on ALE line may exceed 0.8 V. In such cases it may be desirable to qualify ALE with a schmitt-trigger,
or use an address latch with a schmitt-trigger strobe input.
2)
Capacitive loading on ports 0 and 2 may cause the
VOH on ALE and PSEN to momentarily fall bellow the
0.9
VCC specification when the address lines are stabilizing.
3)
IPD (Power Down Mode) is measured under following conditions:
EA = Port0 =
VCC; RESET = VSS; XTAL2 = N.C.; XTAL1 = VCC; all other pins are disconnected.
4)
ICC (active mode) is measured with:
XTAL1 driven with
tCLCH, tCHCL = 5 ns, VIL = VSS + 0.5 V, VIH = VCC – 0.5 V; XTAL2 = N.C.;
EA = Port0 = RESET =
VCC; all other pins are disconnected. ICC would be slightly higher if a crystal oscillator
is used (appr. 1 mA).
5)
ICC (Idle mode) is measured with all output pins disconnected and with all peripherals disabled;
XTAL1 driven with
tCLCH, tCHCL = 5 ns, VIL = VSS + 0.5 V, VIH = VCC – 0.5 V; XTAL2 = N.C.;
RESET = EA =
VSS; Port0 = VCC; all other pins are disconnected;
6)
ICC Max at other frequencies is given by:
C511/C511A/C513/C513A :
Active mode:
TBD
Idle mode:
TBD
C513A-H :
Active mode:
TBD
Idle mode:
TBD
where
fOSC is the oscillator frequency in MHz. ICC values are given in mA and measured at VCC = 5 V.
7)
This parameter is periodically sampled and not 100% tested.
8)
The typical
I
CC values are periodically measured at TA = +25 ˚C but not 100% tested.
DC Characteristics (cont’d)
V
CC = 5 V + 10 %, – 15 %; VSS = 0 V;
T
A = 0 to + 70 ˚C
Parameter
Symbol
Limit Values
Unit Test Condition
typ. 8)
max.
Power supply current:
C511/C511A/C513/C513A
Active mode, 12 MHz 6)
Idle mode, 12 MHz 6)
Power Down Mode
C513A-H
Active mode, 12 MHz 6)
Idle mode, 12 MHz 6)
Power Down Mode
I
CC
I
CC
I
PD
I
CC
I
CC
I
PD
7
3.5
TBD
16
6
TBD
9.5
4.5
50
TBD
TBD
50
mA
mA
µA
mA
mA
µA
V
CC = 5 V,
4)
V
CC = 5 V,
5)
V
CC = 2 … 5.5 V,
3)
V
CC = 5 V,
4)
V
CC = 5 V,
5)
V
CC = 2 … 5.5 V
3)


유사한 부품 번호 - Q67120-C1017

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67120-C1010 SIEMENS-Q67120-C1010 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
Q67120-C1010 INFINEON-Q67120-C1010 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
04.97
logo
Siemens Semiconductor G...
Q67120-C1011 SIEMENS-Q67120-C1011 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
Q67120-C1011 INFINEON-Q67120-C1011 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
04.97
More results

유사한 설명 - Q67120-C1017

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com