전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C2043 데이터시트(PDF) 27 Page - Siemens Semiconductor Group

부품명 Q67120-C2043
상세설명  8-Bit CMOS Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C2043 데이터시트(HTML) 27 Page - Siemens Semiconductor Group

Back Button Q67120-C2043 Datasheet HTML 23Page - Siemens Semiconductor Group Q67120-C2043 Datasheet HTML 24Page - Siemens Semiconductor Group Q67120-C2043 Datasheet HTML 25Page - Siemens Semiconductor Group Q67120-C2043 Datasheet HTML 26Page - Siemens Semiconductor Group Q67120-C2043 Datasheet HTML 27Page - Siemens Semiconductor Group Q67120-C2043 Datasheet HTML 28Page - Siemens Semiconductor Group Q67120-C2043 Datasheet HTML 29Page - Siemens Semiconductor Group Q67120-C2043 Datasheet HTML 30Page - Siemens Semiconductor Group Q67120-C2043 Datasheet HTML 31Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
Semiconductor Group
27
1997-10-01
C540U
C541U
Timer / Counter 0 and 1
Timer/Counter 0 and 1 can be used in four operating modes as listed in table 6 :
In the “timer” function (C/T = ‘0’) the register is incremented every machine cycle. Therefore the
count rate is
f
OSC/6.
In the “counter” function the register is incremented in response to a 1-to-0 transition at its
corresponding external input pin (P3.4/T0, P3.5/T1). Since it takes two machine cycles to detect a
falling edge the max. count rate is
f
OSC/12. External inputs INT0 and INT1 (P3.2, P3.3) can be
programmed to function as a gate to facilitate pulse width measurements. Figure 11 illustrates the
input clock logic.
Figure 11
Timer/Counter 0 and 1 Input Clock Logic
Table 6
Timer/Counter 0 and 1 Operating Modes
Mode
Description
TMOD
Input Clock
M1
M0
internal
external (max)
0
8-bit timer/counter with a
divide-by-32 prescaler
00
f
OSC/6x32
f
OSC/12x32
1
16-bit timer/counter
1
1
f
OSC/6
f
OSC/12
2
8-bit timer/counter with
8-bit autoreload
10
3
Timer/counter 0 used as one
8-bit timer/counter and one
8-bit timer
Timer 1 stops
11
MCS03117
1
&
OSC
C/T = 0
C/T = 1
Control
=1
6
TR1
P3.5/T1
(TMOD)
P3.2/INT0
f
Timer 0/1
Input Clock
OSC/6
P3.4/T0
TR0
Gate
P3.3/INT1
÷
_
<


유사한 부품 번호 - Q67120-C2043

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67120-C2002 SIEMENS-Q67120-C2002 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
Q67120-C2002 INFINEON-Q67120-C2002 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
04.97
logo
Siemens Semiconductor G...
Q67120-C2003 SIEMENS-Q67120-C2003 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
Q67120-C2003 INFINEON-Q67120-C2003 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
04.97
logo
Siemens Semiconductor G...
Q67120-C2005 SIEMENS-Q67120-C2005 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67120-C2043

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com