전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67127-C1071 데이터시트(PDF) 11 Page - Siemens Semiconductor Group

부품명 Q67127-C1071
상세설명  8-Bit CMOS Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67127-C1071 데이터시트(HTML) 11 Page - Siemens Semiconductor Group

Back Button Q67127-C1071 Datasheet HTML 7Page - Siemens Semiconductor Group Q67127-C1071 Datasheet HTML 8Page - Siemens Semiconductor Group Q67127-C1071 Datasheet HTML 9Page - Siemens Semiconductor Group Q67127-C1071 Datasheet HTML 10Page - Siemens Semiconductor Group Q67127-C1071 Datasheet HTML 11Page - Siemens Semiconductor Group Q67127-C1071 Datasheet HTML 12Page - Siemens Semiconductor Group Q67127-C1071 Datasheet HTML 13Page - Siemens Semiconductor Group Q67127-C1071 Datasheet HTML 14Page - Siemens Semiconductor Group Q67127-C1071 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Semiconductor Group
11
1997-10-01
C517A
P4.0 - P4.7
64 - 66,
68 - 72
I/O
Port 4
is an 8-bit quasi-bidirectional I/O port with internal pull-up
resistors. Port 4 pins that have 1’s written to them are
pulled high by the internal pull-up resistors, and in that
state can be used as inputs. As inputs, port 4 pins being
externally pulled low will source current (I IL, in the DC
characteristics) because of the internal pull-up resistors.
PE/SWD
67
I
Power saving mode enable / Start watchdog timer
A low level at this pin allows the software to enter the power
saving modes (idle mode, slow down mode, and power
down mode). In case the low level is also seen during
reset, the watchdog timer function is off on default.
Usage of the software controlled power saving modes is
blocked, when this pin is held at high level. A high level
during reset performs an automatic start of the watchdog
timer immediately after reset.
When left unconnected this pin is pulled high by a weak
internal pull-up resistor. During hardware power down the
pullup resistor is switched off.
RESET
73
I
RESET
A low level on this pin for the duration of two machine
cycles while the oscillator is running resets the C517A. A
small internal pullup resistor permits power-on reset using
only a capacitor connected to VSS .
VAREF
78
Reference voltage for the A/D converter
VAGND
79
Reference ground for the A/D converter
P7.0 - P7.7
87 - 80
Port 7
is an 8-bit unidirectional input port. Port pins can be used
for digital input, if voltage levels meet the specified input
high/low voltages, and for the lower 8-bit of the multiplexed
analog inputs of the A/D converter, simultaneously.
P7.0 - P7.7
AIN0 - AIN7
analog input 8 - 14
*) I = Input
O = Output
Table 2
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*)
Function
P-MQFP-100


유사한 부품 번호 - Q67127-C1071

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67127-C1009 SIEMENS-Q67127-C1009 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
Q67127-C1009 INFINEON-Q67127-C1009 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
04.97
logo
Siemens Semiconductor G...
Q67127-C1014 SIEMENS-Q67127-C1014 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
Q67127-C1014 INFINEON-Q67127-C1014 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
04.97
logo
Siemens Semiconductor G...
Q67127-C1030 SIEMENS-Q67127-C1030 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67127-C1071

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com