전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C0989 데이터시트(PDF) 18 Page - Siemens Semiconductor Group

부품명 Q67120-C0989
상세설명  8-Bit CMOS Microcontroller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C0989 데이터시트(HTML) 18 Page - Siemens Semiconductor Group

Back Button Q67120-C0989 Datasheet HTML 14Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 15Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 16Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 17Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 18Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 19Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 20Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 21Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 22Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Semiconductor Group
18
C511 / C513
Table 5
SFRs - Functional Blocks
Block
Symbol
Name
Address
Contents after
Reset
CPU
ACC
B
DPH
DPL
PSW
SP
SYSCON
Accumulator
B-Register
Data Pointer, High Byte
Data Pointer, Low Byte
Program Status Word
Stack Pointer
System Control Reg. C511/C511A/C513
C513A/C513A-H
E0H
1)
F0H
1)
83H
82H
D0H
1)
81H
B1H
B1H
00H
00H
00H
00H
00H
07H
101X0XXXB
3)
101X0XX0B
3)
Interrupt
System
IE
IP
Interrupt Enable Register
Interrupt Priority Register
A8H
1)
B8H
1)
00H
X0000000B
3)
Ports
P0
P1
P2
P3
Port 0
Port 1
Port 2
Port 3
80H
1)
90H
1)
A0H
1)
B0H
1)
FFH
FFH
FFH
FFH
SSC
SSCCON
STB
SRB
SCF
SCIEN
SSCMOD
SSC Control Register
SSC Transmit Buffer
SSC Receive Register
SSC Flag Register
SSC Interrupt Enable Register
SSC Mode Test Register
E8H
1)
E9H
EAH
F8H
1)
F9H
EBH
07H
XXH
3)
XXH
3)
XXXXXX00B
3)
XXXXXX00B
3)
00H
USART
PCON 2)
SBUF
SCON
Power Control Register
Serial Channel Buffer Register
Serial Channel 1 Control Register
87H
99H
98H
1)
0XXX0000B
3)
XXH
3)
00H
Timer 0 /
Timer 1
TCON
TMOD
TL0
TL1
TH0
TH1
Timer Control Register
Timer Mode Register
Timer 0, Low Byte
Timer 1, Low Byte
Timer 0, High Byte
Timer 1, High Byte
88H
1)
89H
8AH
8BH
8CH
8DH
00H
00H
00H
00H
00H
00H
Timer 2
T2CON
T2MOD
RC2L
RC2H
TL2
TH2
Timer 2 Control Register
Timer 2 Mode Register
Timer 2 Reload/Capture Register, Low Byte
Timer 2 Reload/Capture Register, High Byte
Timer 2 Low Byte
Timer 2 High Byte
C8H
1)
C9H
CAH
CBH
CCH
CDH
00H
XXXXXXX0B
3)
00H
00H
00H
00H
Power
Save Mode
PCON 2)
Power Control Register
87H
0XXX0000B
3)
1)
Bit-addressable special function registers
2)
This special function register is listed repeatedly since some bits of it also belong to other functional blocks.
3)
X means that the value is indeterminate and the location is reserved


유사한 부품 번호 - Q67120-C0989

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67120-C0983 SIEMENS-Q67120-C0983 Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67120-C0989

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com