전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C0989 데이터시트(PDF) 30 Page - Siemens Semiconductor Group

부품명 Q67120-C0989
상세설명  8-Bit CMOS Microcontroller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C0989 데이터시트(HTML) 30 Page - Siemens Semiconductor Group

Back Button Q67120-C0989 Datasheet HTML 26Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 27Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 28Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 29Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 30Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 31Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 32Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 33Page - Siemens Semiconductor Group Q67120-C0989 Datasheet HTML 34Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Semiconductor Group
30
C511 / C513
Absolute Maximum Ratings
Ambient temperature under bias (
T
A) ..............................................................
0 ˚C to + 70 ˚C
Storage temperature (
T
ST) ...............................................................................– 65 ˚C to + 150 ˚C
Voltage on
V
CC pins with respect to ground (VSS) ............................................– 0.5 V to 6.5 V
Voltage on any pin with respect to ground (
V
SS) ..............................................– 0.5 V to VCC + 0.5 V
Input current on any pin during overload condition ..........................................– 10 mA to + 10 mA
Absolute sum of all input currents during overload condition ..........................| 100 mA |
Power dissipation.............................................................................................TBD
Note:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage of the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for longer
periods may affect device reliability. During overload conditions (
V
IN > VCC or VIN < VSS) the
Voltage on
V
CC pins with respect to ground (VSS) must not exceed the values defined by the
absolute maximum ratings.


유사한 부품 번호 - Q67120-C0989

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67120-C0983 SIEMENS-Q67120-C0983 Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67120-C0989

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com