전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67127-C2057 데이터시트(PDF) 66 Page - Siemens Semiconductor Group

부품명 Q67127-C2057
상세설명  8-Bit CMOS Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67127-C2057 데이터시트(HTML) 66 Page - Siemens Semiconductor Group

Back Button Q67127-C2057 Datasheet HTML 62Page - Siemens Semiconductor Group Q67127-C2057 Datasheet HTML 63Page - Siemens Semiconductor Group Q67127-C2057 Datasheet HTML 64Page - Siemens Semiconductor Group Q67127-C2057 Datasheet HTML 65Page - Siemens Semiconductor Group Q67127-C2057 Datasheet HTML 66Page - Siemens Semiconductor Group Q67127-C2057 Datasheet HTML 67Page - Siemens Semiconductor Group Q67127-C2057 Datasheet HTML 68Page - Siemens Semiconductor Group Q67127-C2057 Datasheet HTML 69Page - Siemens Semiconductor Group Q67127-C2057 Datasheet HTML 70Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
Semiconductor Group
66
1997-12-01
C505 / C505C
C505A / C505CA
A/D Converter Characteristics of C505A and C505CA
V
CC = 5 V + 10%, – 15%; VSS = 0 V
T
A = 0 to 70 °C for the SAB- versions
T
A = – 40 to 85 °C for the SAF- versions
T
A = – 40 to 110 °C for the SAH- versions
T
A = – 40 to 125 °C for the SAK- versions
4 V
V
AREF VCC + 0.1 V; VSS 0.1 V ≤ VAGND V
SS + 0.2 V
Notes see next page.
Clock calculation table:
Further timing conditions :
tADC min = 500 ns
tIN = 1 / fOSC = tCLP
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Analog input voltage
V
AIN
V
AGND
V
AREF
V
1)
Sample time
t
S
64
× t
IN
32
× t
IN
16
× t
IN
8
× t
IN
ns
Prescaler
÷ 32
Prescaler
÷ 16
Prescaler
÷ 8
Prescaler
÷ 4 2)
Conversion cycle time
t
ADCC
384
× t
IN
192
× t
IN
96
× t
IN
48
× t
IN
ns
Prescaler
÷ 32
Prescaler
÷ 16
Prescaler
÷ 8
Prescaler
÷ 4 3)
Total unadjusted error
TUE
± 2
LSB
V
SS + 0.5 V ≤ VAIN VCC-0.5 V
4)
± 4
LSB
V
SS < VAIN < VCC + 0.5 V
V
CC - 0.5 V < VAIN < VCC
4)
Internal resistance of
reference voltage source
R
AREF
t
ADC / 250
- 0.25
k
t
ADC in [ns]
5) 6)
Internal resistance of
analog source
R
ASRC
t
S / 500
- 0.25
k
t
S in [ns]
2) 6)
ADC input capacitance
C
AIN
–50
pF
6)
Clock Prescaler
Ratio
ADCL1, 0
tADC
tS
tADCC
÷ 32
1
1
32
× t
IN
64
× t
IN
384
× t
IN
÷ 16
1
0
16
× t
IN
32
× t
IN
192
× t
IN
÷ 8
0
1
8 x
tIN
16
× t
IN
96
× t
IN
÷ 4
0
0
4 x
tIN
8
× t
IN
48
× t
IN


유사한 부품 번호 - Q67127-C2057

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67127-C2020 SIEMENS-Q67127-C2020 Datasheet
634Kb / 58P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67127-C2057

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com