전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67127-C2056 데이터시트(PDF) 59 Page - Siemens Semiconductor Group

부품명 Q67127-C2056
상세설명  8-Bit CMOS Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67127-C2056 데이터시트(HTML) 59 Page - Siemens Semiconductor Group

Back Button Q67127-C2056 Datasheet HTML 55Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 56Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 57Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 58Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 59Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 60Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 61Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 62Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 63Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
Semiconductor Group
59
1997-12-01
C505 / C505C
C505A / C505CA
DC Characteristics
V
CC = 5 V + 10%, – 15%; VSS = 0 V
T
A = 0 to 70 °C for the SAB- versions
T
A = – 40 to 85 °C for the SAF- versions
T
A = – 40 to 110 °C for the SAH- versions
T
A = – 40 to 125 °C for the SAK- versions
Notes see next but one page 61
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Input low voltages
all except EA, RESET
EA pin
RESET pin
V
IL
V
IL1
V
IL2
– 0.5
– 0.5
– 0.5
0.2
V
CC - 0.1
0.2
V
CC - 0.3
0.2
V
CC + 0.1
V
V
V
Input high voltages
all except XTAL1, RESET
XTAL1 pin
RESET pin
V
IH
V
IH1
V
IH2
0.2
V
CC + 0.9
0.7
V
CC
0.6
V
CC
V
CC + 0.5
V
CC + 0.5
V
CC + 0.5
V
V
V
Output low voltages
Ports 1, 2, 3, 4
Port 0, ALE, PSEN
V
OL
V
OL1
0.45
0.45
V
V
I
OL = 1.6 mA
1)
I
OL = 3.2 mA
1)
Output high voltages
Ports 1, 2, 3, 4
Port 0 in external bus mode,
ALE, PSEN
V
OH
V
OH2
2.4
0.9
V
CC
2.4
0.9
V
CC
V
V
V
V
I
OH = – 80 µA
I
OH = – 10 µA
)
I
OH = – 800 µA
I
OH = – 80 µA
2)
Logic 0 input current
Ports 1, 2, 3, 4
I
IL
– 10
– 70
µA
V
IN = 0.45 V
Logical 0-to-1 transition current
Ports 1, 2, 3, 4
I
TL
– 65
– 650
µA
V
IN = 2 V
Input leakage current
Port 0, AN0-7 (Port 1), EA
I
LI
± 1
µA
0.45 <
V
IN < VCC
Pin capacitance
C
IO
–10
pF
f
c
1 MHz,
T
A = 25 °C
Overload current
I
OV
±5mA
3) 4)
Programming voltage
V
PP
10.9
12.1
V
11.5 V
±5% 5)
Supply current at EA/
V
CC
30
mA
5) 6)


유사한 부품 번호 - Q67127-C2056

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67127-C2020 SIEMENS-Q67127-C2020 Datasheet
634Kb / 58P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67127-C2056

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com