전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67127-C2056 데이터시트(PDF) 20 Page - Siemens Semiconductor Group

부품명 Q67127-C2056
상세설명  8-Bit CMOS Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67127-C2056 데이터시트(HTML) 20 Page - Siemens Semiconductor Group

Back Button Q67127-C2056 Datasheet HTML 16Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 17Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 18Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 19Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 20Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 21Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 22Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 23Page - Siemens Semiconductor Group Q67127-C2056 Datasheet HTML 24Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
Semiconductor Group
20
1997-12-01
C505 / C505C
C505A / C505CA
Special Function Registers
The registers, except the program counter and the four general purpose register banks, reside in
the special function register area. The special function register area consists of two portions : the
standard special function register area and the mapped special function register area. Five special
function register of the C505 (PCON1,P1ANA, VR0, VR1, VR2) are located in the mapped special
function register area. For accessing the mapped special function register area, bit RMAP in special
function register SYSCON must be set. All other special function registers are located in the
standard special function register area which is accessed when RMAP is cleared (“0“).
The registers and data locations of the CAN controller (CAN-SFRs) are located in the external data
memory area at addresses F700H to F7FFH..
Special Function Register SYSCON (Address B1H)
Reset Value : XX100X01B
(C505CA only) Reset Value : XX100001B
As long as bit RMAP is set, mapped special function register area can be accessed. This bit is not
cleared by hardware automatically. Thus, when non-mapped/mapped registers are to be accessed,
the bit RMAP must be cleared/set respectively by software.
All SFRs with addresses where address bits 0-2 are 0 (e.g. 80H, 88H, 90H, 98H, ..., F8H, FFH) are
bitaddressable.
The 52 special function registers (SFRs) in the standard and mapped SFR area include pointers
and registers that provide an interface between the CPU and the other on-chip peripherals. The
SFRs of the C505 are listed in table 4 and table 5. In table 4 they are organized in groups which
refer to the functional blocks of the C505. The CAN-SFRs (applicable for the C505C and C505CA
only) are also included in table 4. Table 5 illustrates the contents of the SFRs in numeric order of
their addresses. Table 6 list the CAN-SFRs in numeric order of their addresses. .
Bit
Function
RMAP
Special function register map bit
RMAP = 0 : The access to the non-mapped (standard) special function
register area is enabled.
RMAP = 1 : The access to the mapped special function register area is
enabled.
76543210
EALE
RMAP CMOD
B1H
SYSCON
Bit No.
MSB
LSB
CSWO XMAP1
––
XMAP0
The functions of the shaded bits are not described here.
1)
1) This bit is only available in the C505CA.


유사한 부품 번호 - Q67127-C2056

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67127-C2020 SIEMENS-Q67127-C2020 Datasheet
634Kb / 58P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67127-C2056

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com