전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67127-C2029 데이터시트(PDF) 42 Page - Siemens Semiconductor Group

부품명 Q67127-C2029
상세설명  8-Bit CMOS Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67127-C2029 데이터시트(HTML) 42 Page - Siemens Semiconductor Group

Back Button Q67127-C2029 Datasheet HTML 38Page - Siemens Semiconductor Group Q67127-C2029 Datasheet HTML 39Page - Siemens Semiconductor Group Q67127-C2029 Datasheet HTML 40Page - Siemens Semiconductor Group Q67127-C2029 Datasheet HTML 41Page - Siemens Semiconductor Group Q67127-C2029 Datasheet HTML 42Page - Siemens Semiconductor Group Q67127-C2029 Datasheet HTML 43Page - Siemens Semiconductor Group Q67127-C2029 Datasheet HTML 44Page - Siemens Semiconductor Group Q67127-C2029 Datasheet HTML 45Page - Siemens Semiconductor Group Q67127-C2029 Datasheet HTML 46Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
Semiconductor Group
42
1997-12-01
C505 / C505C
C505A / C505CA
10-Bit A/D Converter (C505A and C505CA only)
The C505 includes a high performance / high speed 10-bit A/D-Converter (ADC) with 8 analog input
channels. It operates with a successive approximation technique and uses self calibration
mechanisms for reduction and compensation of offset and linearity errors. The A/D converter
provides the following features:
– 8 multiplexed input channels (port 1), which can also be used as digital inputs/outputs
– 10-bit resolution
– Single or continuous conversion mode
– Internal start-of-conversion trigger capability
– Interrupt request generation after each conversion
– Using successive approximation conversion technique via a capacitor array
– Built-in hidden calibration of offset and linearity errors
The 10-bit ADC uses two clock signals for operation : the conversion clock
fADC (=1/tADC) and the
input clock
fIN (=1/tIN). fADC is derived from the C505 system clock fOSC which is applied at the
XTAL pins. The input clock
fIN is equal to fOSC The conversion fADC clock is limited to a maximum
frequency of 2 MHz. Therefore, the ADC clock prescaler must be programmed to a value which
assures that the conversion clock does not exceed 2 MHz. The prescaler ratio is selected by the
bits ADCL1 and ADCL0 of SFR ADCON1.
Figure 19
10-Bit A/D Converter Clock Selection
MCS03635
f OSC
MUX
Clock Prescaler
Conversion Clock
Input Clock
f ADC
IN
f
ADCL1
A / D
Converter
Condition: ADC max
f
< 2 MHz
IN
f
= f OSC =
CLP
1
32
8
4
16
ADCL0
MCU System Clock
Rate (
fOSC)
fIN
[MHz]
Prescaler
Ratio
fADC
[MHz]
ADCL1
ADCL0
2 MHz
2
÷ 4
0.5
0
0
6 MHz
6
÷ 4
1.5
0
0
8 MHz
8
÷ 4
200
12 MHz
12
÷ 8
1.5
0
1
16 MHz
16
÷ 8
201
20 MHz
20
÷ 16
1.25
1
0


유사한 부품 번호 - Q67127-C2029

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67127-C2020 SIEMENS-Q67127-C2020 Datasheet
634Kb / 58P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67127-C2029

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com