전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67127-C2060 데이터시트(PDF) 13 Page - Siemens Semiconductor Group

부품명 Q67127-C2060
상세설명  8-Bit CMOS Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67127-C2060 데이터시트(HTML) 13 Page - Siemens Semiconductor Group

Back Button Q67127-C2060 Datasheet HTML 9Page - Siemens Semiconductor Group Q67127-C2060 Datasheet HTML 10Page - Siemens Semiconductor Group Q67127-C2060 Datasheet HTML 11Page - Siemens Semiconductor Group Q67127-C2060 Datasheet HTML 12Page - Siemens Semiconductor Group Q67127-C2060 Datasheet HTML 13Page - Siemens Semiconductor Group Q67127-C2060 Datasheet HTML 14Page - Siemens Semiconductor Group Q67127-C2060 Datasheet HTML 15Page - Siemens Semiconductor Group Q67127-C2060 Datasheet HTML 16Page - Siemens Semiconductor Group Q67127-C2060 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
Semiconductor Group
13
1997-12-01
C505 / C505C
C505A / C505CA
Figure 4
Block Diagram of the C505/C505C/C505A/C505CA
26.09.1997
Alfes-Boding
Watchdog
Oscillator
Port 4
Port 3
Port 2
Port 1
8-Bit Digit. I / O
Port 0
XRAM
RAM
ROM OTP
Programmable
Watchdog Timer
USART
Interrupt Unit
8- / 10-Bit
A / D Converter
Emulation
Support
Logic
Port 0
Port 1
Port 2
Port 3
Port 4
OSC & Timing
S & H
XTAL1
XTAL2
RESET
ALE
PSEN
EA
V AREF
AGND
V
8-Bit Digit. I / O /
8-Bit Digit. I / O
8-Bit Digit. I / O
2-Bit Digit. I / O
MCB03631
8 Datapointers
CPU
256 Byte
Baudrate Generator
Timer 0
Timer 1
Timer 2
8-Bit Analog In
MUX
CC
V
SS
V
C505C / C505CA only.
1 KByte
1)
256 Byte
1)
16 K /
32 KByte
1)
1) C505 / C505C:
256B XRAM / 16KB ROM / 8-Bit ADC
C505A / C505CA: 1KB XRAM / 32KB OTP / 10-Bit ADC
25.11.1997
Full-CAN
Controller


유사한 부품 번호 - Q67127-C2060

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67127-C2020 SIEMENS-Q67127-C2020 Datasheet
634Kb / 58P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67127-C2060

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com