전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q68000-A5953 데이터시트(PDF) 6 Page - Siemens Semiconductor Group

부품명 Q68000-A5953
상세설명  GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q68000-A5953 데이터시트(HTML) 6 Page - Siemens Semiconductor Group

  Q68000-A5953 Datasheet HTML 1Page - Siemens Semiconductor Group Q68000-A5953 Datasheet HTML 2Page - Siemens Semiconductor Group Q68000-A5953 Datasheet HTML 3Page - Siemens Semiconductor Group Q68000-A5953 Datasheet HTML 4Page - Siemens Semiconductor Group Q68000-A5953 Datasheet HTML 5Page - Siemens Semiconductor Group Q68000-A5953 Datasheet HTML 6Page - Siemens Semiconductor Group Q68000-A5953 Datasheet HTML 7Page - Siemens Semiconductor Group Q68000-A5953 Datasheet HTML 8Page - Siemens Semiconductor Group Q68000-A5953 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
CGY 21
Power gain G = f (f)
VS = 4.5 V, RS = RL = 50
Power gain G = f (Pout)
VS = 4.5 V, RS = RL = 50
f = 0.8 GHz
Power gain G = f (VS)
RS = RL = 50


유사한 부품 번호 - Q68000-A5953

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q68000-A5906 SIEMENS-Q68000-A5906 Datasheet
128Kb / 4P
   PNP Silicon High-Voltage Transistors
Q68000-A5993-F114 SIEMENS-Q68000-A5993-F114 Datasheet
463Kb / 4P
   Seven Segment Magnified Monolithic Display 2.8mm/3.8mm
Q68000-A5993-F114 SIEMENS-Q68000-A5993-F114 Datasheet
464Kb / 4P
   SEVEN SEGMENT MAGNIFIED MONOLITHIC DISPLAY
Q68000-A5994-F114 SIEMENS-Q68000-A5994-F114 Datasheet
463Kb / 4P
   Seven Segment Magnified Monolithic Display 2.8mm/3.8mm
Q68000-A5994-F114 SIEMENS-Q68000-A5994-F114 Datasheet
464Kb / 4P
   SEVEN SEGMENT MAGNIFIED MONOLITHIC DISPLAY
More results

유사한 설명 - Q68000-A5953

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
CGY31 SIEMENS-CGY31 Datasheet
139Kb / 9P
   GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier All-gold metallization Chip fully passivated)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
CGY62 SIEMENS-CGY62 Datasheet
25Kb / 5P
   GaAs MMIC (Two-stage microwave broadband amplifier IC 50 廓 input / output)
CGY52 SIEMENS-CGY52 Datasheet
36Kb / 4P
   GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
   GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
CGY40 SIEMENS-CGY40 Datasheet
30Kb / 5P
   GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz)
logo
Mimix Broadband
CMM-9-BD MIMIX-CMM-9-BD Datasheet
380Kb / 5P
   GaAs MMIC Amplifier
logo
Broadcom Corporation.
DEMO-MGA8656-3 BOARDCOM-DEMO-MGA8656-3 Datasheet
177Kb / 8P
   GaAs MMIC Amplifier
DEMO-MGA8657-6 BOARDCOM-DEMO-MGA8657-6 Datasheet
150Kb / 6P
   GaAs MMIC Amplifier
logo
Toshiba Semiconductor
TMD1414-2C TOSHIBA-TMD1414-2C Datasheet
43Kb / 2P
   MICROWAVE POWER MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com