전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CGY94 데이터시트(PDF) 3 Page - Siemens Semiconductor Group

부품명 CGY94
상세설명  GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY94 데이터시트(HTML) 3 Page - Siemens Semiconductor Group

  CGY94 Datasheet HTML 1Page - Siemens Semiconductor Group CGY94 Datasheet HTML 2Page - Siemens Semiconductor Group CGY94 Datasheet HTML 3Page - Siemens Semiconductor Group CGY94 Datasheet HTML 4Page - Siemens Semiconductor Group CGY94 Datasheet HTML 5Page - Siemens Semiconductor Group CGY94 Datasheet HTML 6Page - Siemens Semiconductor Group CGY94 Datasheet HTML 7Page - Siemens Semiconductor Group CGY94 Datasheet HTML 8Page - Siemens Semiconductor Group CGY94 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GaAs MMIC
CGY 94
_______________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 3/9
17.10.95
HL EH PD 21
Electrical characteristics
(TA = 25°C , f=0.9 GHz, ZS=ZL=50 Ohm, VD=3.6V, VG=-4V, VTR pin connected to
ground, unless otherwise specified; pulsed with a duty cycle of 10%, ton=0.33ms)
Characteristics
Symbol
min
typ
max
Unit
Supply current
VD=3.0V; Pin=10dBm
IDD
-
1.18
-
A
Negative supply current
(normal operation)
IG
-2
-
mA
Shut-off current
VTR n.c.
ID
-
400
-
µA
Negative supply current
(shut off mode, VTR pin n.c.)
IG
-10
-
µA
Gain
Pin=-5dBm
G
27.0
29.0
-
dB
Power gain
VD=3.6V; Pin=10dBm
G
22.8
23.6
-
dB
Output Power
VD=3.0V; Pin=10dBm
Po
31.5
32.3
-
dBm
Output Power
VD=3.6V; Pin=10dBm
Po
32.8
33.6
-
dBm
Output Power
VD=5V; Pin=10dBm
Po
34.5
35.5
-
dBm
Overall Power added Efficiency
VD=3.0V; Pin=10dBm
η
43
48
-
%
Overall Power added Efficiency
VD=3.6V; Pin=10dBm
η
42
47
-
%
Overall Power added Efficiency
VD=5V; Pin=10dBm
η
41
46
-
%
Harmonics (Pin=10dBm, CW)
2f0
VD=3.6V;
(Pout=33.1dBm)
3f0
-
-
-
-
-49
-45
-
-
dBc
dBc
Input VSWR VD=3.6V;
-
-
1.5 : 1
2.0 : 1
-


유사한 부품 번호 - CGY94

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
logo
Infineon Technologies A...
CGY93 INFINEON-CGY93 Datasheet
86Kb / 9P
   GaAs MMIC
03.00
logo
Siemens Semiconductor G...
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
   GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
   GaAs MMIC
03.00
More results

유사한 설명 - CGY94

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
   GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
   GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
   GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
logo
Tyco Electronics
MAAM26100-B1 MACOM-MAAM26100-B1 Datasheet
105Kb / 2P
   Power GaAs MMIC Amplifier 2-6 GHz
MAAM26100-P1 MACOM-MAAM26100-P1 Datasheet
71Kb / 2P
   GaAs MMIC Power Amplifier 2 - 6 GHz
logo
Hittite Microwave Corpo...
HMC921LP4E HITTITE-HMC921LP4E Datasheet
2Mb / 34P
   GaAs HBT MMIC 2 WATT POWER AMPLIFIER, 0.4 - 2.7 GHz
logo
TriQuint Semiconductor
TQ9147B TRIQUINT-TQ9147B Datasheet
232Kb / 10P
   2-Stage AMPS Power Amplifier IC
logo
Agilent(Hewlett-Packard...
MGA-64135 HP-MGA-64135 Datasheet
49Kb / 4P
   2 - 6 GHz Cascadable GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC915LP4E HITTITE-HMC915LP4E Datasheet
294Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.5 - 2.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com