전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM802117UMG 데이터시트(PDF) 6 Page - Micrel Semiconductor

부품명 SM802117UMG
상세설명  ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802117UMG 데이터시트(HTML) 6 Page - Micrel Semiconductor

Back Button SM802117UMG Datasheet HTML 2Page - Micrel Semiconductor SM802117UMG Datasheet HTML 3Page - Micrel Semiconductor SM802117UMG Datasheet HTML 4Page - Micrel Semiconductor SM802117UMG Datasheet HTML 5Page - Micrel Semiconductor SM802117UMG Datasheet HTML 6Page - Micrel Semiconductor SM802117UMG Datasheet HTML 7Page - Micrel Semiconductor SM802117UMG Datasheet HTML 8Page - Micrel Semiconductor SM802117UMG Datasheet HTML 9Page - Micrel Semiconductor SM802117UMG Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Micrel, Inc.
SM802117
October 2011
6
M9999-101311-B
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(4, 5)
VDD = VDDO1/2 = 3.3V ±5% or 2.5V ±5%
VDD = 3.3V ±5%, VDDO1/2 = 2.5V ±5%
TA = −40°C to +85°C. RL = 50Ω to VDDO − 2V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
FOUT
Output Frequency
125
MHz
FREF
Reference Input Frequency
25
MHz
TR/TF
LVPECL Output Rise/Fall Time
20% – 80%
80
175
350
ps
ODC
Output Duty Cycle
48
50
52
%
TSKEW
Output-to-Output Skew
Within bank. Note
6
45
ps
TLOCK
PLL Lock Time
20
ms
Tjit(∅)
RMS Phase Jitter
(7)
125MHz
Integration Range (1.875MHz – 20MHz)
Integration Range (12kHz – 20MHz)
115
254
fs
Spurious Noise Components
25MHz
-85
dBc
Notes:
5.
All phase noise measurements were taken with an Agilent 5052B phase noise system.
6.
Defined as skew between outputs at the same supply voltage and with equal load conditions and same frequency; Measured at the output
differential crossing points.
7.
Measured using 25MHz crystal as the input reference source. If using an external reference input, use a low phase noise source. With an external
reference, the phase noise will follow the input source phase noise up to about 1MHz.


유사한 부품 번호 - SM802117UMG

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMG MICREL-SM802110UMG Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMGR MICREL-SM802110UMGR Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111UMG MICREL-SM802111UMG Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

유사한 설명 - SM802117UMG

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
MX573EBA125M000 MICREL-MX573EBA125M000 Datasheet
1Mb / 4P
   Ultra-low Jitter 125MHz LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com