전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM802112 데이터시트(PDF) 1 Page - Micrel Semiconductor

부품명 SM802112
상세설명  ClockWorks??3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802112 데이터시트(HTML) 1 Page - Micrel Semiconductor

  SM802112 Datasheet HTML 1Page - Micrel Semiconductor SM802112 Datasheet HTML 2Page - Micrel Semiconductor SM802112 Datasheet HTML 3Page - Micrel Semiconductor SM802112 Datasheet HTML 4Page - Micrel Semiconductor SM802112 Datasheet HTML 5Page - Micrel Semiconductor SM802112 Datasheet HTML 6Page - Micrel Semiconductor SM802112 Datasheet HTML 7Page - Micrel Semiconductor SM802112 Datasheet HTML 8Page - Micrel Semiconductor SM802112 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SM802112
ClockWorks
™ 3-Output, 480MHz/80MHz,
Ultra-Low Jitter LVDS/CMOS
Frequency Synthesizer
ClockWorks is a trademark of Micrel, Inc
RotaryWave is a registered trademark of Multigig, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The SM802112 is a member of the ClockWorks
™ family of
devices from Micrel and provides extremely low-noise
clock signals. It is based upon a unique patented
RotaryWave
® architecture that provides very-low phase
noise.
The device operates from a 3.3V or 2.5V power supply
and synthesizes two LVDS output clocks, one at 480MHz
and one at 80MHz and one LVCMOS clock at 80MHz.
The SM802112 accepts an 80MHz LVCMOS reference
clock or an 80MHz 1Vp-p sine wave.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Generates two LVDS clock outputs, one at 480MHz and
one at 80MHz
• Generates one LVCMOS clock output at 80MHz
• 2.5V or 3.3V operating range
• Typical phase jitter @ 480MHz
(12kHz to 20MHz): 290fs
• Industrial temperature range (–40°C to +85°C)
• Green, RoHS, and PFOS compliant
• Available in 44-pin 7mm × 7mm QFN package
Applications
• Set Top Box
Block Diagram
September 2011
M9999-091411-A
hbwhelp@micrel.com or (408) 955-1690


유사한 부품 번호 - SM802112

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMG MICREL-SM802110UMG Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMGR MICREL-SM802110UMGR Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111UMG MICREL-SM802111UMG Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

유사한 설명 - SM802112

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
PL602041 MICREL-PL602041_14 Datasheet
604Kb / 9P
   ClockWorks??PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
PL602041 MICREL-PL602041 Datasheet
543Kb / 9P
   ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802109 MICREL-SM802109 Datasheet
403Kb / 11P
   ClockWorks??PCI-e Quad 100MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com