전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE202930-T1 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 NE202930-T1
상세설명  Silicon NPN Epitaxial High Frequency Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE202930-T1 데이터시트(HTML) 2 Page - Renesas Technology Corp

  NE202930-T1 Datasheet HTML 1Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 2Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 3Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 4Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 5Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 6Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 7Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NE202930
R09DS0003EJ0100 Rev.1.00
Page 2 of 6
Jul 14, 2010
ELECTRICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0
100
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
100
nA
DC Current Gain
hFE
Note1
VCE = 5 V, IC = 5 mA
85
140
205
RF Characteristics
Gain Bandwidth Product
fT
VCE = 5 V, IC = 30 mA, f = 1 GHz
11.0
GHz
Insertion Power Gain
⏐S21e
2
VCE = 5 V, IC = 30 mA, f = 1 GHz
11.5
13.5
dB
Noise Figure (1)
NF1
VCE = 5 V, IC = 5 mA, f = 1 GHz,
ZS = ZSopt, ZL = 50
Ω
1.15
1.5
dB
Noise Figure (2)
NF2
VCE = 5 V, IC = 30 mA, f = 1 GHz,
ZS = ZSopt, ZL = ZLopt
1.5
dB
Associated Gain (1)
Ga1
VCE = 5 V, IC = 5 mA, f = 1 GHz,
ZS = ZSopt, ZL = 50
Ω
10.0
12.0
dB
Associated Gain (2)
Ga2
VCE = 5 V, IC = 30 mA, f = 1 GHz,
ZS = ZSopt, ZL = ZLopt
13.5
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 5 V, IE = 0, f = 1 MHz
0.6
0.8
pF
Maximum Stable Power Gain
MSG
Note 3
VCE = 5 V, IC = 30 mA, f = 1 GHz
13.5
15.5
dB
Gain 1 dB Compression Output
Power
PO (1 dB)
VCE = 5 V, IC (set) = 30 mA, f = 1 GHz,
ZS = ZSopt, ZL = ZLopt
19
dBm
Output 3rd Order Intercept Point
OIP3
VCE = 5 V, IC (set) = 30 mA, f = 1 GHz,
Δf = 1 MHz, ZS = ZSopt, ZL = ZLopt
32
dBm
Notes: 1. Pulse measurement: PW
≤ 350
μs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded.
3. MSG =
hFE CLASSIFICATION
Rank
YFB
Marking
R7D
hFE Value
85 to 205
S21
S12


유사한 부품 번호 - NE202930-T1

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE202930-T1 CEL-NE202930-T1 Datasheet
571Kb / 7P
   Silicon NPN Epitaxial High Frequency Transistor
NE202930-T1-A CEL-NE202930-T1-A Datasheet
571Kb / 7P
   Silicon NPN Epitaxial High Frequency Transistor
More results

유사한 설명 - NE202930-T1

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE202930 CEL-NE202930 Datasheet
571Kb / 7P
   Silicon NPN Epitaxial High Frequency Transistor
logo
Renesas Technology Corp
NE202930 RENESAS-NE202930_15 Datasheet
228Kb / 8P
   Silicon NPN Epitaxial High Frequency Transistor
logo
NEC
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
   HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Micro Electronics
BF314 MICRO-ELECTRONICS-BF314 Datasheet
83Kb / 1P
   NPN HIGH FREQUENCY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com