전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK433-090LF 데이터시트(PDF) 1 Page - Sunspirit Electronic Ltd

부품명 STK433-090LF
상세설명  2-channel class AB audio power IC, 100W100W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNSPIRIT [Sunspirit Electronic Ltd]
홈페이지  http://www.sunspirit.com.hk
Logo SUNSPIRIT - Sunspirit Electronic Ltd

STK433-090LF 데이터시트(HTML) 1 Page - Sunspirit Electronic Ltd

  STK433-090LF Datasheet HTML 1Page - Sunspirit Electronic Ltd STK433-090LF Datasheet HTML 2Page - Sunspirit Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thick Film Hybrid IC
STK433-100LF
2-channel class AB audio power IC, 100W+100W
Series Models
STK433-090LF
STK433-100LF
STK433-120LF
STK433-130LF
Output 1 (10%/1kHz)
80Wx2 channels
100Wx2 channels
120Wx2 channels
150Wx2 channels
Output 2(0.4%/20Hz to 20kHz)
50Wx2 channels
60Wx2 channels
80Wx2 channels
100Wx2 channels
Max. rated Vcc(quiescent)
±54V
±57V
±65V
±71.5V
Max. rated Vcc(6 )
±47V
±50V
±57V
±63V
Recommended operating Vcc(6 )
±33V
±35V
±40V
±44V
Features
‧Pin-to-pin compatible outputs ranging from 80W to 150W.
‧Output load impedance: RL=6 supported
‧Allowable load shorted time: 0.3 second
‧Allows the use of predesigned applications for standby and mute circuits.
Package Dimensions
Specifications


유사한 부품 번호 - STK433-090LF

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
More results

유사한 설명 - STK433-090LF

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
   One-Channel Class AB Audio Power Amplifier IC 100W
STK415-130-E SANYO-STK415-130-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 100W100W
logo
International Rectifier
IRAUDAMP17 IRF-IRAUDAMP17_15 Datasheet
689Kb / 13P
   100W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP19 IRF-IRAUDAMP19_15 Datasheet
804Kb / 14P
   100W/4 x 2 Channel Class D Audio Power Amplifier
logo
Sanyo Semicon Device
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com