전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM40N20-180P 데이터시트(PDF) 3 Page - Analog Power

부품명 AM40N20-180P
상세설명  N-Channel 200-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM40N20-180P 데이터시트(HTML) 3 Page - Analog Power

  AM40N20-180P Datasheet HTML 1Page - Analog Power AM40N20-180P Datasheet HTML 2Page - Analog Power AM40N20-180P Datasheet HTML 3Page - Analog Power AM40N20-180P Datasheet HTML 4Page - Analog Power AM40N20-180P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM40N20-180P
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.1
0.2
0.3
0.4
0.5
0
4
8
12
16
20
ID-Drain Current (A)
4.5V.5.5V,,6V,8V,10V
0
4
8
12
16
20
0
2
4
6
8
10
VDS - Drain-to-Source Voltage (V)
10V,8V,6V,5.5V,4.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0
2
4
6
8
10
0
1
2
3
4
5
6
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = 10A
© Preliminary
3
Publication Order Number:
DS_AM40N20-180P_1A


유사한 부품 번호 - AM40N20-180P

제조업체부품명데이터시트상세설명
logo
SHENZHEN DOINGTER SEMIC...
AM40N20-180P DOINGTER-AM40N20-180P Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

유사한 설명 - AM40N20-180P

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com