전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM50P06-15D 데이터시트(PDF) 3 Page - Analog Power

부품명 AM50P06-15D
상세설명  P-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM50P06-15D 데이터시트(HTML) 3 Page - Analog Power

  AM50P06-15D Datasheet HTML 1Page - Analog Power AM50P06-15D Datasheet HTML 2Page - Analog Power AM50P06-15D Datasheet HTML 3Page - Analog Power AM50P06-15D Datasheet HTML 4Page - Analog Power AM50P06-15D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM50P06-15D
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.01
0.02
0.03
0.04
0.05
0
10
20
30
40
50
ID-Drain Current (A)
4.0V
4.5V
6.0V
8.0V,10V
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1
1.5
2
VDS - Drain-to-Source Voltage (V)
10V,8V
4.5V
4.0V
6.0V
3.5V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
ID = -22A
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0
0.3
0.6
0.9
1.2
1.5
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
1000
2000
3000
4000
5000
6000
7000
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1Mhz
© Preliminary
3
Publication Order Number:
DS_AM50P06-15D_1A


유사한 부품 번호 - AM50P06-15D

제조업체부품명데이터시트상세설명
logo
Analog Power
AM50P02-09D ANALOGPOWER-AM50P02-09D Datasheet
145Kb / 3P
   P-Channel 20-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM50P02-09D-T1-PF VBSEMI-AM50P02-09D-T1-PF Datasheet
1,022Kb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
Analog Power
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
   P-Channel 20-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM50P02-16D-T1-PF VBSEMI-AM50P02-16D-T1-PF Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM50P03-09D ANALOGPOWER-AM50P03-09D Datasheet
352Kb / 5P
   P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - AM50P06-15D

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com