전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3492NE 데이터시트(PDF) 1 Page - Analog Power

부품명 AM3492NE
상세설명  N-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGPOWER [Analog Power]
홈페이지  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3492NE 데이터시트(HTML) 1 Page - Analog Power

  AM3492NE Datasheet HTML 1Page - Analog Power AM3492NE Datasheet HTML 2Page - Analog Power AM3492NE Datasheet HTML 3Page - Analog Power AM3492NE Datasheet HTML 4Page - Analog Power AM3492NE Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM3492NE
N-Channel 150-V (D-S) MOSFET
VDS (V)
ID(A)
1.1
1.0
Symbol
Limit
Units
VDS
150
VGS
±20
TA=25°C
1.1
TA=70°C
0.9
IDM
10
IS
1.7
A
TA=25°C
2
TA=70°C
1.3
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
62.5
110
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Gate-Source Voltage
V
Parameter
Drain-Source Voltage
PRODUCT SUMMARY
150
rDS(on) (mΩ)
1100 @ VGS = 10V
1300 @ VGS = 4.5V
Maximum Junction-to-Ambient
a
Continuous Drain Current
a
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
ID
A
PD
W
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM3492NE_1A


유사한 부품 번호 - AM3492NE

제조업체부품명데이터시트상세설명
logo
Analog Power
AM3490N ANALOGPOWER-AM3490N Datasheet
367Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM3490NE ANALOGPOWER-AM3490NE Datasheet
526Kb / 9P
   N-Channel 150-V (D-S) MOSFET
AM3491P ANALOGPOWER-AM3491P Datasheet
372Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM3494N ANALOGPOWER-AM3494N Datasheet
339Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM3496N ANALOGPOWER-AM3496N Datasheet
463Kb / 5P
   N-Channel 150-V (D-S) MOSFET
More results

유사한 설명 - AM3492NE

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com