전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZT71 데이터시트(PDF) 9 Page - Arizona Microtek, Inc

부품명 AZT71
상세설명  Programmable Capacitive Tuning IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZM [Arizona Microtek, Inc]
홈페이지  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZT71 데이터시트(HTML) 9 Page - Arizona Microtek, Inc

Back Button AZT71 Datasheet HTML 5Page - Arizona Microtek, Inc AZT71 Datasheet HTML 6Page - Arizona Microtek, Inc AZT71 Datasheet HTML 7Page - Arizona Microtek, Inc AZT71 Datasheet HTML 8Page - Arizona Microtek, Inc AZT71 Datasheet HTML 9Page - Arizona Microtek, Inc AZT71 Datasheet HTML 10Page - Arizona Microtek, Inc AZT71 Datasheet HTML 11Page - Arizona Microtek, Inc AZT71 Datasheet HTML 12Page - Arizona Microtek, Inc AZT71 Datasheet HTML 13Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Arizona Microtek, Inc.
AZT71
Programmable Capacitive Tuning IC
www.azmicrotek.com
+1-480-962-5881
9
Request a Sample
May 2012, Rev 1.2
ERASING THE EEPROM
The EEPROM can be erased by initiating a programming cycle with all DA bits set high, including bit9 and bit10. After
the programming cycle, all the EEPROM bits are set low (logical high) except for the check bit (bit0), which remains
high.
Table 7 – Erase sequence for EEPROM
Step
Action
1
Set the VDD supply voltage to +5.0V
2
Load the programming word bits all high.
3
Set the PV pin to +6V (≥5.6V, ≤6.1V) with the pulse and idle shown in timing diagram (Figure 13)
4
Verify the correct EEPROM contents by reading back the individual bits
t
DA
CLK
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
bit 8
bit 9
bit 10
bit0
loaded 1st
bit10
loaded last
PV
4µs
min
10ms
min
EEPROM has
been erased
(no capacitors
selected)
≥5.6V,
≤6.1V
Figure 13 – Programming Sequence for erasing the EEPROM
PROGRAMMING VOLTAGE LIMIT CIRCUIT
Some existing programming circuits use a current source connected to a 6.5 – 8.0 V supply. That circuit produces an
excessive voltage on the PV pin, which can damage the AZT71. A simple modification eliminates the issue and maintains
full programming compatibility with existing programming methods. A 5.6 V, ½ watt Zener, 1N5232B or equivalent,
placed between the PV pin and ground will limit the voltage while still allowing the programming circuit to generate the
current required for programming fuse link type parts.


유사한 부품 번호 - AZT71

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZT71HG AZM-AZT71HG Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
AZT71MG AZM-AZT71MG Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
AZT71QG AZM-AZT71QG Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
AZT71_1301 AZM-AZT71_1301 Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
More results

유사한 설명 - AZT71

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZT71_1301 AZM-AZT71_1301 Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
AZT70 AZM-AZT70 Datasheet
622Kb / 12P
   Programmable Capacitive Tuning IC
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
   Programmable low-power capacitive sensor conditioning IC
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
   Converter IC for Capacitive Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com