전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OZT-SS-148LP 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 OZT-SS-148LP
상세설명  16A Miniature Power PC Board Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

OZT-SS-148LP 데이터시트(HTML) 1 Page - Tyco Electronics

  OZT-SS-148LP Datasheet HTML 1Page - Tyco Electronics OZT-SS-148LP Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
462
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 11-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Meet UL 508, CSA and TUV requirements.
• 1 Form A and 1 Form C contact arrangements.
• Immersion cleanable, sealed version available.
• Meet 5,000V dielectric voltage between coil and contacts.
• Meet 10,000V surge voltage between coil and contacts (1.2 / 50
µs).
• Quick Connect Terminal type available (OZF).
• UL TV-8 rating available (OZT).
OZ/OZF series
16A Miniature
Power PC Board Relay
Appliances, HVAC, Office Machines.
UL File No. E82292
CSA File No. LR48471
TUV File No. R85447
Initial Insulation Resistance
Between Mutually Insulated Elements: 1,000M ohms min. @ 500VDC.
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
OZ-S: Vented (Flux-tight) plastic cover.
OZF-SS: Vented (Flux-tight) plastic cover.
OZ-SH: Sealed plastic case.
Weight: 0.46 oz (13g) approximately.
Operate Data
Must Operate Voltage:
OZ-D: 70% of nominal voltage or less.
OZ-L: 75% of nominal voltage or less.
Must Release Voltage: 5% of nominal voltage or more.
Operate Time: OZ-D: 15 ms max.
OZ-L: 20 ms max.
Release Time: 8 ms max.
Environmental Data
Temperature Range:
Operating, Class A (105
°C) Insulation:
OZ-D: -30
°C to +55°C
OZ-L: -30
°C to +70°C.
Operating, Class F (155
°C) Insulation:
OZ-D: -30
°C to +85°C
OZ-L: -30
°C to +105°C.
Operating: OZ-D: -30
°C to +55°C
OZ-L: -30
°C to +70 °C
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 1,000m/s2 (100G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 20 to 85% RH. (Non-condensing).
Initial Dielectric Strength
Between Open Contacts: 1,000VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 5,000VAC 50/60 Hz. (1 minute).
Surge Voltage Between Coil and Contacts: 10,000V (1.2 / 50
µs).
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: Ag Alloy (1 Form C) and AgSnO (1 Form A).
Max. Switching Rate: 300 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations (no load).
Expected Electrical Life: 100,000 operations (rated load).
Minimum Load: 100mA @ 5VDC.
Initial Contact Resistance: 100 milliohms @ 1A, 6VDC.
Coil Data
Voltage: 5 to 48VDC.
Nominal Power: 720 mW (OZ-D), 540mW (OZ-L).
Coil Temperature Rise: 45
°C max., at rated coil voltage.
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
Contact Ratings
Ratings:
OZ/OZF: 20A @ 120VAC resistive,
16A @ 240VAC resistive,
5A @ 120VAC inductive (cosø= 0.4),
5A @ 24VDC inductive ( L/R= 7msec).
1/2 HP @ 120VAC, 70
°C.
1 HP @ 240VAC.
20A @ 120VAC, general use.
16A @ 240VAC, general use, N.O. only, @ 105
°C*.
16A @ 240VAC, general use, carry only, N.C. only, @ 105
°C*.
* Rating applicable only to models with Class F (155
°C) insulation system.
OZT:
8A @ 240VAC resistive,
TV-8 @ 120VAC tungsten, 25,000ops.
Max. Switched Voltage: AC: 240V.
DC: 110V.
Max. Switched Current: 16A (OZ/OZF), 8A (OZT).
Max. Switched Power: 3,850VA, 600W.
Coil Data @ 20
°C
OZ-L Sensitive
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
106.4
47
3.75
0.25
6
88.0
68
4.50
0.30
9
58.0
155
6.75
0.45
12
44.4
270
9.00
0.60
24
21.8
1,100
18.00
1.20
48
10.9
4,400
36.00
2.40
OZ-D Standard
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
138.9
36
3.50
0.25
6
120.0
50
4.20
0.30
9
78.3
115
6.30
0.45
12
60.0
200
8.40
0.90
24
29.3
820
16.80
1.20
48
14.5
3,300
33.60
2.40
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


유사한 설명 - OZT-SS-148LP

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
OMIH-SH-105D MACOM-OMIH-SH-105D Datasheet
118Kb / 2P
   16A Miniature Power PC Board Relay
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
2-1440002-3 MACOM-2-1440002-3 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
2-1440002-9 MACOM-2-1440002-9 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
2-1440002-4 MACOM-2-1440002-4 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com