전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC62D748AFG 데이터시트(PDF) 1 Page - Marktech Corporate

부품명 TC62D748AFG
상세설명  16-Output Constant Current LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D748AFG 데이터시트(HTML) 1 Page - Marktech Corporate

  TC62D748AFG Datasheet HTML 1Page - Marktech Corporate TC62D748AFG Datasheet HTML 2Page - Marktech Corporate TC62D748AFG Datasheet HTML 3Page - Marktech Corporate TC62D748AFG Datasheet HTML 4Page - Marktech Corporate TC62D748AFG Datasheet HTML 5Page - Marktech Corporate TC62D748AFG Datasheet HTML 6Page - Marktech Corporate TC62D748AFG Datasheet HTML 7Page - Marktech Corporate TC62D748AFG Datasheet HTML 8Page - Marktech Corporate TC62D748AFG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TC62D748AFG/AFNAG/BFNAG
2010-03-05
1
TOSHIBA CDMOS Integrated Circuit Silicon Monolithic
TC62D748AFG,TC62D748AFNAG,
TC62D748BFNAG
16-Output Constant Current LED Driver (Output
switching standard-speed version)
TC62D748 series are an LED driver with a sink type constant
current output.
It is the best for lighting the LED module and the LED display.
This IC consists of a constant current output circuit of 16
outputs, a shift register of 16 bits, a latch of 16 bits, and 16 AND
gates.
The output current of 16 outputs can be set by one external
resistance.
Moreover, high-speed data transfer is possible by adoption of a
CMOS process.
This IC can operate with the power supply voltage of a 3.3 V
system and a 5 V system.
The TC62D748 series are RoHS compatible.
Features
• Power supply voltages
: VDD = 3.3 V to 5.0 V
• 16-output built-in
• Output current setting range
: IOUT = 1.5 to 90 mA
• Current accuracy (@ REXT = 1.2 kΩ, VOUT = 1.0 V, VDD = 3.3 V, 5.0 V)
: Between outputs
± 1.5 % (max)
: Between devices:
± 1.5 % (max)
• Output voltage
: VOUT = 17 V (max)
• High-speed output switching
: twOE(L) = 25 ns (min), tor = 30ns (typ.), tof = 10ns (typ.)
There is TC62D749 as an output switching high-speed version of this product.
• Control data format
: serial-in, parallel-out
• Input signal voltage level
: 3.3 V and 5.0 V CMOS interfaces
(Schmitt trigger input)
• Serial data transfer rate
: 25 MHz (max) @cascade connection
• Operation temperature range
: Topr = −40 to 85 °C
• Power-on-reset function built-in
: When the power supply is turned on, internal data is reset.
• Package
: AFG type
SSOP24-P-300-1.00B
: AFNAG type
SSOP24-P-150-0.64
: BFNAG type
SSOP24-P-150-0.64
TC62D748AFG
SSOP24-P-300-1.00B
TC62D748AFNAG/BFNAG
SSOP24-P-150-0.64
Weight
SSOP24-P-300-1.00B : 0.29 g (typ.)
SSOP24-P-150-0.64: 0.14 g (typ.)
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com
Optoelectronics
Marktech


유사한 부품 번호 - TC62D748AFG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results

유사한 설명 - TC62D748AFG

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com