전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N50L-TA3-T 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 1N50L-TA3-T
상세설명  1.3A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N50L-TA3-T 데이터시트(HTML) 2 Page - Unisonic Technologies

  1N50L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 1N50L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 1N50L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 1N50L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 1N50L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 1N50L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-548.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous (TC=25°C)
ID
1.3 (Note 2)
A
Drain Current
Pulsed (Note 3)
IDM
5 (Note 2)
A
Avalanche Current (Note 3)
IAR
1.3
A
Single Pulsed (Note 4)
EAS
113
mJ
Avalanche Energy
Repetitive (Note 5)
EAR
2.6
mJ
Power Dissipation
40
W
Derate above 25°C
PD
0.32
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Drain current limited by maximum junction temperature
3. Repetitive Rating: Pulse width limited by maximum junction temperature
4. L = 120mH, IAS = 1.3A, VDD = 50V, RG = 27Ω, Starting TJ = 25°C
5. ISD ≤ 1.5A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
3.13
°C/W


유사한 부품 번호 - 1N50L-TA3-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
1N50L-TA3-T UTC-1N50L-TA3-T Datasheet
169Kb / 6P
   1.3 Amps, 500 Volts N-CHANNEL POWER MOSFET
1N50L-TA3-T UTC-1N50L-TA3-T Datasheet
525Kb / 7P
   N-CHANNEL POWER MOSFET
More results

유사한 설명 - 1N50L-TA3-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
1N50Z UTC-1N50Z Datasheet
183Kb / 6P
   1.3A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT1N60 AOSMD-AOT1N60 Datasheet
140Kb / 5P
   1.3A, 600V N-Channel MOSFET
AOD1N60 AOSMD-AOD1N60 Datasheet
151Kb / 6P
   1.3A, 600V N-Channel MOSFET
AOD1N60 AOSMD-AOD1N60_11 Datasheet
349Kb / 6P
   600V,1.3A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com