전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1020 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 2SA1020
상세설명  SILICON PNP EPITAXIAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1020 데이터시트(HTML) 2 Page - Unisonic Technologies

  2SA1020 Datasheet HTML 1Page - Unisonic Technologies 2SA1020 Datasheet HTML 2Page - Unisonic Technologies 2SA1020 Datasheet HTML 3Page - Unisonic Technologies 2SA1020 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1020
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R211-007,D
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
Ic
-2
A
TO-92NL
900
mW
SOT-23
300
mW
Collector Power Dissipation
SOT-89
PC
500
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector to Emitter Breakdown Voltage
BVCEO
Ic=-10mA, IB=0
-50
V
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-1.0
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-1.0
μA
DC Current Gain
hFE1
hFE2
VCE=-2V, IC=-0.5A
VCE=-2V, IC=-1.5A
70
40
240
Collector to Emitter Saturation Voltage
VCE(SAT)
Ic=-1A, IB=-0.05A
-0.5
V
Base to Emitter Saturation Voltage
VBE(SAT)
Ic=-1A, IB=-0.05A
-1.2
V
Transition Frequency
fT
VCE=-2V, Ic=-0.5A
100
MHz
Collector Output Capacitance
COB
VCB=-10V, IE=0, f=1MHz
40
pF
Turn-on Time
tON
0.1
μs
Storage Time
tSTG
1.0
μs
Switching Time
Fall Time
tF
0.1
μs
CLASSIFICATION OF hFE1
RANK
O
Y
RANGE
70 - 140
120 - 240


유사한 부품 번호 - 2SA1020

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1020 TOSHIBA-2SA1020 Datasheet
194Kb / 3P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1020 TOSHIBA-2SA1020 Datasheet
193Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
logo
List of Unclassifed Man...
2SA1020 ETC-2SA1020 Datasheet
61Kb / 1P
   TO-92MOD Plastic-Encapsulated Transistors
logo
SHENZHEN YONGERJIA INDU...
2SA1020 WINNERJOIN-2SA1020 Datasheet
132Kb / 1P
   TRANSISTOR (PNP)
logo
Unisonic Technologies
2SA1020 UTC-2SA1020 Datasheet
170Kb / 4P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

유사한 설명 - 2SA1020

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com