전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1627AL-X-T60-K 데이터시트(PDF) 3 Page - Unisonic Technologies

부품명 2SA1627AL-X-T60-K
상세설명  PNP EPITAXIAL SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1627AL-X-T60-K 데이터시트(HTML) 3 Page - Unisonic Technologies

  2SA1627AL-X-T60-K Datasheet HTML 1Page - Unisonic Technologies 2SA1627AL-X-T60-K Datasheet HTML 2Page - Unisonic Technologies 2SA1627AL-X-T60-K Datasheet HTML 3Page - Unisonic Technologies 2SA1627AL-X-T60-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1627A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R217-004.D
TYPICAL CHARACTERISTICS
-2.0
0
Collector Current vs.
Collector to Emitter Voltage
Collector to Emitter Voltage, VCE (V)
-6.0
-10
-4.0
-8.0
0
-20
-40
-60
-80
-100
IB=1.8mA
IB=1.6mA
IB=1.4mA
IB=1.2mA
IB=1.0mA
IB=0.8mA
IB=0.6mA
IB=0.4mA
IB=0.2mA
-0.005
-0.002
DC Current Gain vs. Collector Current
Collector Current, IC (A)
-0.1
-0.02
-0.5
1
10
30
100
300
1000
3
-0.01
-0.05
-2.0
-0.2
-1.0
VCE=-5.0V
Collector Current vs.
Base to Emitter Voltage
Base to Emitter Voltage, VBE (V)
-0.01
-0.1
-0.3
-1.0
0
-0.4
-0.8
-1.2
-1.6
-0.03
-0.003
-0.2
-0.6
-1.0
-1.4
VCE=-5.0V
Collector and Base Saturation Voltage
vs. Collector Current
Collector Current, IC (A)
-0.1
-0.3
-1.0
-3.0
-0.005 -0.01
-0.05
-0.2
-0.03
-0.02
-0.1
-0.5
IC=5IB
VBE(SAT)
VCE(SAT)


유사한 부품 번호 - 2SA1627AL-X-T60-K

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SA1627AL-X-T60-K UTC-2SA1627AL-X-T60-K Datasheet
239Kb / 4P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

유사한 설명 - 2SA1627AL-X-T60-K

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com