전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3320 데이터시트(PDF) 4 Page - Unisonic Technologies

부품명 2SC3320
상세설명  HIGH VOLTAGE HIGH SPEED SWITCHING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3320 데이터시트(HTML) 4 Page - Unisonic Technologies

  2SC3320_11 Datasheet HTML 1Page - Unisonic Technologies 2SC3320_11 Datasheet HTML 2Page - Unisonic Technologies 2SC3320_11 Datasheet HTML 3Page - Unisonic Technologies 2SC3320_11 Datasheet HTML 4Page - Unisonic Technologies 2SC3320_11 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC3320
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R214-008,D
TYPICAL CHARACTERISTICS
0.05 0.1
0.3 0.5
510
20
Base and Collector Saturation Voltage
0.01
0.03
0.05
0.1
0.3
0.5
1
3
TC=25℃IC=5IB
VBE(SAT)
VCE(SAT)
3
1
4
500
Safe Operating Area
0.03
0.1
TC=25℃
Single Pulse
DC
PW=1ms
300
100
50
30
10
5
3
1
0.05
0.3
0.5
1
3
5
10
30
1000
10
s
Collector Current, IC (A)
Collector Emitter voltage, VCE (V)


유사한 부품 번호 - 2SC3320_11

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SC3320 UTC-2SC3320_10 Datasheet
104Kb / 5P
   HIGH VOLTAGE HIGH SPEED SWITCHING
2SC3320 UTC-2SC3320_14 Datasheet
197Kb / 5P
   HIGH VOLTAGE HIGH SPEED SWITCHING
2SC3320 UTC-2SC3320_15 Datasheet
197Kb / 5P
   HIGH VOLTAGE HIGH SPEED SWITCHING
More results

유사한 설명 - 2SC3320_11

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
MJE13011 UTC-MJE13011 Datasheet
104Kb / 4P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC3865 ETC-2SC3865 Datasheet
158Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Unisonic Technologies
2SC2625 UTC-2SC2625_15 Datasheet
103Kb / 3P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC4419 ETC-2SC4419 Datasheet
158Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Fairchild Semiconductor
KSA1010 FAIRCHILD-KSA1010 Datasheet
50Kb / 5P
   High Speed High Voltage Switching
logo
Inchange Semiconductor ...
2SC3738 ISC-2SC3738 Datasheet
196Kb / 2P
   High Voltage, High Speed Switching
BU4508AF ISC-BU4508AF Datasheet
190Kb / 2P
   High-voltage high-speed switching
logo
Fairchild Semiconductor
KSC2335 FAIRCHILD-KSC2335 Datasheet
52Kb / 4P
   High Speed, High Voltage Switching
KSC2518 FAIRCHILD-KSC2518 Datasheet
47Kb / 5P
   High Speed, High Voltage Switching
logo
List of Unclassifed Man...
2SC3724 ETC-2SC3724 Datasheet
46Kb / 1P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
New Jersey Semi-Conduct...
2SC3865 NJSEMI-2SC3865 Datasheet
147Kb / 1P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com