전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6726G-D18-T 데이터시트(PDF) 7 Page - Unisonic Technologies

부품명 L6726G-D18-T
상세설명  UNIVERSAL SPEECH CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6726G-D18-T 데이터시트(HTML) 7 Page - Unisonic Technologies

Back Button L6726G-D18-T Datasheet HTML 3Page - Unisonic Technologies L6726G-D18-T Datasheet HTML 4Page - Unisonic Technologies L6726G-D18-T Datasheet HTML 5Page - Unisonic Technologies L6726G-D18-T Datasheet HTML 6Page - Unisonic Technologies L6726G-D18-T Datasheet HTML 7Page - Unisonic Technologies L6726G-D18-T Datasheet HTML 8Page - Unisonic Technologies L6726G-D18-T Datasheet HTML 9Page - Unisonic Technologies L6726G-D18-T Datasheet HTML 10Page - Unisonic Technologies L6726G-D18-T Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
L6726
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 13
www.unisonic.com.tw
QW-R108-015, C
FUNCTIONAL DESCRIPTION(Cont.)
+
-
1.2V
15kΩ
15kΩ
RDC1
RDC2
+
0~470Ω
14
7
9
8
+
4.7~47μF
0~470Ω
VDC1
VDC2
+Line
1
Fig. 5 DC regulator for external CMOS devices


유사한 부품 번호 - L6726G-D18-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
L6726G-D18-T UTC-L6726G-D18-T Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
More results

유사한 설명 - L6726G-D18-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_08 Datasheet
284Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com