전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM9799MM-G1 데이터시트(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

부품명 AM9799MM-G1
상세설명  Single Phase Full-wave Low Voltage Fan Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM9799MM-G1 데이터시트(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AM9799MM-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM9799MM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799
Sep. 2009
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The AM9799 is a single-phase DC brushless motor
driver IC featuring BiCMOS process. It is suitable for
fan motor drivers for low voltage equipment such as
the note personal computers. The AM9799 includes
lock shutdown, automatic restart, frequency generator
(FG), have been incorporated into one chip. When the
motor is under lock condition, lock shutdown
function turns off the output current. When the lock
condition is removed, the IC automatically restarts
and allows DC fan to run. In addition, the FG
function is to output rotation speed signal. It features
MOS-FET
driver
circuit
for
better
saturation
characteristics. Slew late of amplifiers and feedback
resistors are optimized to achieve low-noise motor
operation.
The AM9799 is available in MSOP-8 package.
Features
Lock Detection and Rotational Speed Sensing
Mechanisms are Built-in
Rotor-locked Protection and Automatic Restart
When the Motor Lock is Undone
Hall Bias Built-in and Hall Inputs Have a
Hysteresis
Built-in Thermal Shutdown Circuit
Built-in Over Current Protection
Operating Voltage: VCC=2V to 6V
BiCMOS Technology
Compact Package: MSOP-8
Applications
CPU
Cooler
Fan
in
Notebook
Personal
Computers
Figure 1. Package Type of AM9799
MSOP-8


유사한 부품 번호 - AM9799MM-G1

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AM9799MM-G1 BCDSEMI-AM9799MM-G1 Datasheet
368Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
logo
Diodes Incorporated
AM9799MM-G1 DIODES-AM9799MM-G1 Datasheet
368Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
Jun. 2011 Rev. 1. 1
More results

유사한 설명 - AM9799MM-G1

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AM9799 DIODES-AM9799 Datasheet
368Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
Jun. 2011 Rev. 1. 1
logo
BCD Semiconductor Manuf...
AM9799 BCDSEMI-AM9799_11 Datasheet
368Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com