전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZV358MM-G1 데이터시트(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

부품명 AZV358MM-G1
상세설명  DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV358MM-G1 데이터시트(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV358MM-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
AZV358
Data Sheet
6
Mar. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Supply Current vs. Temperature
Figure 6. Slew Rate vs. Supply Voltage
Figure 7. Output Short Circuit Current vs. Supply Voltage
Typical Performance Characteristics
2.53.0
3.54.0
4.55.05.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
A
V=1
V
IN=1Vp-p
R
L=10KΩ to 1/2VCC
Supply Voltage (V)
Falling Edge
Rising Edge
-40
-20
0
204060
80
100
120
140
160
180
200
220
240
260
280
300
V
CC=2.7V
V
O=VCC/2
No Load
Temperature (
OC)
V
CC=5V
01
2
345
6
0
50
100
150
200
250
300
V
O=VCC/2
No Load
T
A= -40
oC
T
A=25
OC
T
A=85
OC
Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
10
20
30
40
50
60
V
EE=0V
V
O short to VEE
Supply Voltage (V)


유사한 부품 번호 - AZV358MM-G1

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AZV358MM-E1 DIODES-AZV358MM-E1 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

유사한 설명 - AZV358MM-G1

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AZV358 DIODES-AZV358 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com