전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA7368PG-D08-T 데이터시트(PDF) 5 Page - Unisonic Technologies

부품명 TA7368PG-D08-T
상세설명  0.6W AUDIO POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7368PG-D08-T 데이터시트(HTML) 5 Page - Unisonic Technologies

  TA7368PG-D08-T Datasheet HTML 1Page - Unisonic Technologies TA7368PG-D08-T Datasheet HTML 2Page - Unisonic Technologies TA7368PG-D08-T Datasheet HTML 3Page - Unisonic Technologies TA7368PG-D08-T Datasheet HTML 4Page - Unisonic Technologies TA7368PG-D08-T Datasheet HTML 5Page - Unisonic Technologies TA7368PG-D08-T Datasheet HTML 6Page - Unisonic Technologies TA7368PG-D08-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TA7368P
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R107-009,E
PRECAUTION FOR APPLICATION
1. Input stage (Figure 1)
The input stage of power amplifier is comprised of a PNP differential pair( Q2 and Q3) preceded by a PNP emitter
follower(Q1) which allows DC referencing of the source signal to GND. This eliminates the need for an input coupling
capacitor. However, in case the brush noise of volume becomes a problem, provide serially a coupling capacitor to
the input side.
2. Adjustment of the voltage gain (Figure 2)
The voltage gain is fixed at Gv=40dB by the resistors( R4 and R5) in IC. Its reduction is possible through adding Rf
as
shown
in
Figure
2.
In
this
case,
the
voltage
gain
is
obtained
by
the
following
equation:
Gv=20log(R5+R4+Rf)/(R4+Rf). It is recommended to use this IC with the voltage gain of Gv=28dB or over.
Figure 1
Figure
2
Figure 3
3. Ripple Rejection (Figure 3)
Adding Crip, to the ripple terminal 2 as shown in Figure 3, the ripple rejection ratio is improved from -25dB to -45dB.
4. Power dissipation
Casre should be taken to use IC below maximum power dissipation because it may be over maximum rating
depending on operating condition.
Pd=900mW (Ta=25
°C)
5. Phase-compensation
Small temperature coefficient and excellent frequency characteristics is needed by capacitor below:
*Oscillation preventing capacitor for power amplifier output
*Bypass capacitor for ripple filter
*Capacitor between Vcc and GND


유사한 부품 번호 - TA7368PG-D08-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TA7368PG-D08-T UTC-TA7368PG-D08-T Datasheet
261Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
TA7368PG-D08-T UTC-TA7368PG-D08-T Datasheet
211Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
More results

유사한 설명 - TA7368PG-D08-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TA7368P UTC-TA7368P Datasheet
211Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
UTCTA7368P UTC-UTCTA7368P Datasheet
27Kb / 3P
   0.6W AUDIO POWER AMPLIFIER
TA7368P UTC-TA7368P_15 Datasheet
261Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
logo
Tyco Electronics
MAAPGM0026-DIE MACOM-MAAPGM0026-DIE Datasheet
186Kb / 5P
   Amplifier, Power, 0.6W 1.5-3.3 GHz
logo
List of Unclassifed Man...
TMPA221DS ETC2-TMPA221DS Datasheet
261Kb / 17P
   2.7W 0.6W x 2 2.1 Channel CLASS-D AUDIO POWER AMPLIFIER
logo
LIGITEK electronics co....
LGXW-521E-TR1-D01 LIGITEK-LGXW-521E-TR1-D01 Datasheet
213Kb / 14P
   0.6W Power Light LED
LG-5630WKZ-DT-2-WW-D01 LIGITEK-LG-5630WKZ-DT-2-WW-D01 Datasheet
203Kb / 16P
   0.6W Power Light LED
LG-5630WKZ-DT-2-CW-D01 LIGITEK-LG-5630WKZ-DT-2-CW-D01 Datasheet
320Kb / 16P
   0.6W Power Light LED
LG-5630WKZ-DT-1-WW-D01 LIGITEK-LG-5630WKZ-DT-1-WW-D01 Datasheet
335Kb / 16P
   0.6W Power Light LED
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com