전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q62703-Q3202 데이터시트(PDF) 3 Page - Siemens Semiconductor Group

부품명 Q62703-Q3202
상세설명  3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q3202 데이터시트(HTML) 3 Page - Siemens Semiconductor Group

  Q62703-Q3202 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q3202 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q3202 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q3202 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q3202 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q3202 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q3202 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
LH 3364
Kennwerte (
T
A = 25 ˚C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
(typ.)
I
F = 20 mA
λ
peak
660
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F = 20 mA
λ
dom
645
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
(typ.)
I
F = 20 mA
∆λ
22
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
Viewing angle at 50 %
I
V
2
ϕ
45
Grad
deg.
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 10 mA
V
F
V
F
1.75
2.6
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 3 V
I
R
I
R
0.01
10
µA
µA
Kapazität
(typ.)
Capacitance
V
R = 0 V, f = 1 MHz
C
0
25
pF
Schaltzeiten:
Switching times:
I
V from 10 % to 90 %
(typ.)
I
V from 90 % to 10 %
(typ.)
I
F = 100 mA, tP = 10 µs, RL = 50 Ω
t
r
t
f
140
110
ns
ns


유사한 부품 번호 - Q62703-Q3202

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q62703-Q3200 SIEMENS-Q62703-Q3200 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
Q62703-Q3204 SIEMENS-Q62703-Q3204 Datasheet
61Kb / 8P
   SIDELED
Q62703-Q3205 SIEMENS-Q62703-Q3205 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
Q62703-Q3206 SIEMENS-Q62703-Q3206 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
Q62703-Q3207 SIEMENS-Q62703-Q3207 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
More results

유사한 설명 - Q62703-Q3202

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH5464 SIEMENS-LH5464 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
   SIDELED Super-Bright, Hyper-Red GaAIAs-LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com