전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA2003-TA5-T 데이터시트(PDF) 10 Page - Unisonic Technologies

부품명 TDA2003-TA5-T
상세설명  10W CAR RADIO AUDIO AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2003-TA5-T 데이터시트(HTML) 10 Page - Unisonic Technologies

Back Button TDA2003-TA5-T Datasheet HTML 2Page - Unisonic Technologies TDA2003-TA5-T Datasheet HTML 3Page - Unisonic Technologies TDA2003-TA5-T Datasheet HTML 4Page - Unisonic Technologies TDA2003-TA5-T Datasheet HTML 5Page - Unisonic Technologies TDA2003-TA5-T Datasheet HTML 6Page - Unisonic Technologies TDA2003-TA5-T Datasheet HTML 7Page - Unisonic Technologies TDA2003-TA5-T Datasheet HTML 8Page - Unisonic Technologies TDA2003-TA5-T Datasheet HTML 9Page - Unisonic Technologies TDA2003-TA5-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TDA2003
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 10
www.unisonic.com.tw
QW-R107-002,F
TYPICAL CHARACTORISTICS (Cont.)
Maximum Power dissipation and
supply voltage(sine wave operation)
0
5
10
15
20
10
15
20
5
0
RL=1.6
RL=2
RL=3.2
RL=4
Vs(V)
10
15
20
5
0
050
100
150
200
Ta (℃)
Maximum allowable dissipation
and ambient temperature
infinite heatsink
10℃/W
30℃/W
Typical values of capacitor(Cx) for
different values of frequency response
36
40
44
48
1
10
100
B=15kHz
B=10kHz
B=20kHz
R2=2.2
Gv (dB)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


유사한 부품 번호 - TDA2003-TA5-T

제조업체부품명데이터시트상세설명
logo
Hotchip Technology Co.,...
TDA2003-TA5-T HOTCHIP-TDA2003-TA5-T Datasheet
895Kb / 11P
   The TDA2003 is a monolithic audio power amplifier integrated circuit.
More results

유사한 설명 - TDA2003-TA5-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
NTE Electronics
NTE1288 NTE-NTE1288 Datasheet
75Kb / 2P
   Integrated Circuit Audio Power Amplifier, 10W for Car Radio
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
   CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
   1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
   10 10W STEREO AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com