전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA2005L-J11-A-T 데이터시트(PDF) 14 Page - Unisonic Technologies

부품명 TDA2005L-J11-A-T
상세설명  20W BRIDGE AMPLIFIER FOR CAR RADIO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2005L-J11-A-T 데이터시트(HTML) 14 Page - Unisonic Technologies

Back Button TDA2005L-J11-A-T Datasheet HTML 8Page - Unisonic Technologies TDA2005L-J11-A-T Datasheet HTML 9Page - Unisonic Technologies TDA2005L-J11-A-T Datasheet HTML 10Page - Unisonic Technologies TDA2005L-J11-A-T Datasheet HTML 11Page - Unisonic Technologies TDA2005L-J11-A-T Datasheet HTML 12Page - Unisonic Technologies TDA2005L-J11-A-T Datasheet HTML 13Page - Unisonic Technologies TDA2005L-J11-A-T Datasheet HTML 14Page - Unisonic Technologies TDA2005L-J11-A-T Datasheet HTML 15Page - Unisonic Technologies TDA2005L-J11-A-T Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
TDA2005
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
14 of 16
www.unisonic.com.tw
QW-R107-035,D
TYPICAL CHARACTORISTICS (cont.)
2
8
0.01
PoUT (W)
0.1
1
0
Fig. 12 Distortion versus Output Power
(Stereo amplifier)
6
4
f=1KHz
Gv=50dB
Vs=13.2V RL=3.2Ω
Vs=14.4V RL=4Ω
Vs=13.2V RL=1.6Ω
Vs=14.4V RL=2Ω
10
12
9
15
0
10
8
Vs (V)
6
3
16
14
12
Fig. 13 Output Power versus Supply Voltage
(Stereo amplifier)
f=1KHz
Gv=50dB
THD=10%
RL=2Ω
RL=4Ω
18


유사한 부품 번호 - TDA2005L-J11-A-T

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005M STMICROELECTRONICS-TDA2005M Datasheet
259Kb / 20P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005S STMICROELECTRONICS-TDA2005S Datasheet
259Kb / 20P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
More results

유사한 설명 - TDA2005L-J11-A-T

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240 Datasheet
106Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
PA2005 UTC-PA2005_15 Datasheet
522Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
NTE Electronics
NTE1396 NTE-NTE1396 Datasheet
23Kb / 3P
   Integrated Circuit 20W Bridge Booster for Car Radio
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
   22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
   22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
   DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com