전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA2030A-TA5-T 데이터시트(PDF) 10 Page - Unisonic Technologies

부품명 TDA2030A-TA5-T
상세설명  18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030A-TA5-T 데이터시트(HTML) 10 Page - Unisonic Technologies

Back Button TDA2030A-TA5-T Datasheet HTML 6Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 7Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 8Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 9Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 10Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 11Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 12Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 13Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TDA2030A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 14
www.unisonic.com.tw
QW-R107-005,C
the tweeter can be optimized in the design phase taking in account the loudspeaker efficiency and impedance
(RL=4
Ω to 8Ω).
It is quite common that midrange and tweeter speakers have an efficiency 3dB higher than woofers.
3WAY 60W ACTIVE LOUDSPEAKER SYSTEM (Vs=36V)
1
2
5
4
3
UTC
TDA2030A
1
2
5
4
3
UTC
TDA2030A
1
2
5
4
3
UTC
TDA2030A
0.22 F
2200 F
18nF
33nF
100 F
0.22 F
1N4001
1 F
0.1 F
0.1 F
0.22 F
Vs+
18nF
3.3nF
100 F
0.22 F
3.3nF
3.3nF
47 F
0.22 F
100 F
0.22 F
220 F
0.22 F
2200 F
1N4001
BD908
BD907
22k
1
4
1.5
1.5
3.3k
22k
22k
680
100
1
22k
22k
6.8k
3.3k
100
2.2k
Vs+
1N4001
1N4001
1N4001
8
1
2.2k
12k
100
22k
8
22k
22k
Vs+
100 F
Vs+
IN
Woofer
Midrange
Tweeter
High-pass
3KHz
High-pass
3KHz
Band-pass
300Hz to 3kHz
Low-pass
300Hz
1N4001
MUSICAL INSTRUMENTS AMPLIFIERS
Another important field of application for active system is music.
In this area the use of several medium power amplifiers is more convenient than a single high power amplifier, and
it is also more reliable. A typical example (see Fig. 4) consist of four amplifiers each driving a low-cost, 12 inch
loudspeaker. This application can supply 80 to 160W rms.


유사한 부품 번호 - TDA2030A-TA5-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TDA2030A-TA5-T UTC-TDA2030A-TA5-T Datasheet
224Kb / 14P
   18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
More results

유사한 설명 - TDA2030A-TA5-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_15 Datasheet
224Kb / 14P
   18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
logo
STMicroelectronics
TDA2030A STMICROELECTRONICS-TDA2030A Datasheet
238Kb / 15P
   18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
List of Unclassifed Man...
UTC2030 ETC1-UTC2030 Datasheet
174Kb / 14P
   18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
Hangzhou Youwang Electr...
UTC2030 YOUWANG-UTC2030 Datasheet
171Kb / 14P
   18W Hi-Fi AMPLIFIER AND DRIVER
logo
Wuxi Youda electronics ...
YD2030 YOUDA-YD2030 Datasheet
76Kb / 4P
   18W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com