전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LR3360 데이터시트(PDF) 8 Page - Siemens Semiconductor Group

부품명 LR3360
부품 상세설명  3 mm (T1) LED, Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LR3360 데이터시트(HTML) 8 Page - Siemens Semiconductor Group

  LR3360 Datasheet HTML 1Page - Siemens Semiconductor Group LR3360 Datasheet HTML 2Page - Siemens Semiconductor Group LR3360 Datasheet HTML 3Page - Siemens Semiconductor Group LR3360 Datasheet HTML 4Page - Siemens Semiconductor Group LR3360 Datasheet HTML 5Page - Siemens Semiconductor Group LR3360 Datasheet HTML 6Page - Siemens Semiconductor Group LR3360 Datasheet HTML 7Page - Siemens Semiconductor Group LR3360 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Semiconductor Group
8
1998-07-13
Durchlaßspannung
V
F = f (TA)
Forward voltage
I
F = 10 mA
Relative Lichtstärke
I
V/IV(25
°C) = f (TA)
Relative luminous intensity
I
F = 10 mA
Maßzeichnung
(Maße in mm, wenn nicht anders angegeben)
Package Outlines
(Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung:
Kürzerer Lötspieß
Cathode mark:
Short solder lead
0.4
0.6
3.1
3.4
Area not flat
5.7
6.1
4.8
4.4
3.7
3.5
27.0
29.0
1.2
1.8
GEX06710
Collector/
2.1
2.7
Chip position
Cathode
LR 3360, LS 3360, LO 3360
LY 3360, LG 3360, LP 3360


유사한 부품 번호 - LR3360

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
91Kb / 1P
   T1(3mm) LED LAMP
More results

유사한 설명 - LR3360

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
OSRAM GmbH
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
Siemens Semiconductor Group
Siemens Semiconductor G...
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
   3 mm (T1) MULTILED, Diffused
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
   3 mm T1 3/4 LED, Diffused Wide-Angle LED
LS3369 SIEMENS-LS3369 Datasheet
126Kb / 7P
   LC 3 mm T1 LED, Diffused Low Current LED
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com