전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3500G-XX-AB3-R 데이터시트(PDF) 10 Page - Unisonic Technologies

부품명 UC3500G-XX-AB3-R
상세설명  HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3500G-XX-AB3-R 데이터시트(HTML) 10 Page - Unisonic Technologies

Back Button UC3500G-XX-AB3-R Datasheet HTML 3Page - Unisonic Technologies UC3500G-XX-AB3-R Datasheet HTML 4Page - Unisonic Technologies UC3500G-XX-AB3-R Datasheet HTML 5Page - Unisonic Technologies UC3500G-XX-AB3-R Datasheet HTML 6Page - Unisonic Technologies UC3500G-XX-AB3-R Datasheet HTML 7Page - Unisonic Technologies UC3500G-XX-AB3-R Datasheet HTML 8Page - Unisonic Technologies UC3500G-XX-AB3-R Datasheet HTML 9Page - Unisonic Technologies UC3500G-XX-AB3-R Datasheet HTML 10Page - Unisonic Technologies UC3500G-XX-AB3-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
UC3500
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R502-072.E
TYPICAL CHARACTERISTICS(Cont.)
UC3500-3.3V
Time(ms)
Output Waveform of LX
0
1
1
Time(µs)
0
200
50
100
150
250
25
225
75
125
175
2
2
4
3
0
-50
0
50
IOUT=1mA
3
Output Waveform of LX
0
1
1
0200
50
100
150
250
25
225
75
125
175
2
2
4
3
0
-50
0
50
IOUT=10mA
3


유사한 부품 번호 - UC3500G-XX-AB3-R

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UC3500G-XX-AB3-R UTC-UC3500G-XX-AB3-R Datasheet
539Kb / 12P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
UC3500G-XX-AB3-R UTC-UC3500G-XX-AB3-R Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
More results

유사한 설명 - UC3500G-XX-AB3-R

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UC3500 UTC-UC3500_09 Datasheet
539Kb / 12P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
UC3500 UTC-UC3500 Datasheet
143Kb / 9P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com