전자부품 데이터시트 검색엔진 |
|
L-12493 데이터시트(PDF) 5 Page - Rhombus Industries Inc. |
|
L-12493 데이터시트(HTML) 5 Page - Rhombus Industries Inc. |
5 / 5 page For other values & Custom Designs, contact factory. Specifications subject to change without notice. 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Tel: (714) 898-0960 • Fax: (714) 896-0971 Rhombus Industries Inc. Flammability: Materials used in the production of these units are UL94-VO and meet requirements of IEC 695-2-2 needle flame test. www.rhombus-ind.com Pre-Tinned Leads Center hole for mechanical mounting Coils finished with Polyolefin Shrink Tube Test Frequency 1 kHz A B C D .750" TYP. Power Line Chokes Drum Core Style L DCR I Lead Part + 20% Nom. Max. Size Pkg. Number ( µH ) ( mΩ ) ( A ) AWG Code L-12590 200 19 19.2 11 12 L-12591 300 25 17.8 12 12 L-12592 450 44 15.0 14 12 L-12593 700 59 11.7 14 12 L-12595 1000 97 9.4 15 12 L-12597 1700 148 7.6 16 12 L-12598 2000 170 6.8 16 12 L-12599 2600 220 6.0 17 12 L-12601 3800 340 5.0 18 12 L-12603 7900 650 3.4 19 12 L-12605 10000 920 3.0 20 12 L-12606 15000 960 2.9 20 12 L-12630 200 15 28.8 10 13 L-12632 380 30 21.4 12 13 L-12634 750 53 15.6 13 13 L-12636 1000 79 13.2 14 13 L-12637 1600 134 10.5 15 13 L-12639 2500 200 7.8 16 13 L-12641 4000 320 6.5 17 13 L-12643 6500 500 5.2 18 13 L-12645 12000 900 3.8 19 13 L-12648 18000 1400 3.6 20 13 Applications Power Amplifiers Filters Power Supplies SCR and Triac Controls Speaker Crossover Networks RFI Suppression Pkg. ( Dimensions in inches ) Code A B C D 12 1.770 1.380 0.360 0.270 13 2.200 1.380 0.380 0.290 |
유사한 부품 번호 - L-12493 |
|
유사한 설명 - L-12493 |