전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LSPP370 데이터시트(PDF) 8 Page - Siemens Semiconductor Group

부품명 LSPP370
상세설명  Plane MULTILED 3 mm T1 LED, Non Diffused
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSPP370 데이터시트(HTML) 8 Page - Siemens Semiconductor Group

  LSPP370 Datasheet HTML 1Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 2Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 3Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 4Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 5Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 6Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 7Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 8Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
7
LSP P370, LOP P370
Durchlaßspannung
V
F = f (TA)
Forward voltage
I
F = 15 mA
Relativer Lichtstrom
Φ
V / ΦV(25 ˚C) = f (TA)
Relative luminous flux
I
F = 15 mA


유사한 부품 번호 - LSPP370

제조업체부품명데이터시트상세설명
Festo Corporation.
Festo Corporation.
LSP-1/4-C FESTO-LSP-1/4-C Datasheet
77Kb / 1P
   Low consumption air gun
LSP-1/4-D FESTO-LSP-1/4-D Datasheet
80Kb / 1P
   Low consumption air gun
OSRAM GmbH
OSRAM GmbH
LSP-T670 OSRAM-LSP-T670 Datasheet
563Kb / 15P
   white P-LCC-4 package, colorless clear resin
Zhaoxingwei Electronics ., Ltd
Zhaoxingwei Electronics...
LSP01 ZHAOXINGWEI-LSP01 Datasheet
103Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
Littelfuse
Littelfuse
LSP05 LITTELFUSE-LSP05 Datasheet
483Kb / 3P
   The Littelfuse LSP05 thermally protected Surge Protective
More results

유사한 설명 - LSPP370

제조업체부품명데이터시트상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
   3 mm (T1) MULTILED, Non Diffused
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
   3 mm (T1) MULTILED, Diffused
LU5351 SIEMENS-LU5351 Datasheet
325Kb / 7P
   5 mm (T1 3/4) MULTILED , Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
OSRAM GmbH
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
Siemens Semiconductor Group
Siemens Semiconductor G...
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LUH371 SIEMENS-LUH371 Datasheet
331Kb / 7P
   Symbol MULTILED 5 mm T1 3/4, Partly Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
More results


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com