전자부품 데이터시트 검색엔진 |
|
74HCT4051PW 데이터시트(PDF) 9 Page - NXP Semiconductors |
|
74HCT4051PW 데이터시트(HTML) 9 Page - NXP Semiconductors |
9 / 31 page 74HC_HCT4051 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 13 December 2011 9 of 31 NXP Semiconductors 74HC4051; 74HCT4051 8-channel analog multiplexer/demultiplexer Vis =0Vto(VCC VEE). Vis =0Vto (VCC VEE). (1) VCC =4.5 V (2) VCC =6 V (3) VCC =9 V Fig 9. Test circuit for measuring RON Fig 10. Typical RON as a function of input voltage Vis V 001aan389 Yn Sn from select input Z GND VEE VCC Vis Isw Vsw Vis (V) 0 9.0 7.2 3.6 5.4 1.8 mnb047 50 70 30 90 110 10 RON ( Ω) (1) (2) (3) R ON V sw I sw --------- = Table 7. Static characteristics for 74HC4051 Voltages are referenced to GND (ground = 0 V). Vis is the input voltage at pins Yn or Z, whichever is assigned as an input. Vos is the output voltage at pins Z or Yn, whichever is assigned as an output. Symbol Parameter Conditions Min Typ Max Unit Tamb =25 C VIH HIGH-level input voltage VCC = 2.0 V 1.5 1.2 - V VCC = 4.5 V 3.15 2.4 - V VCC = 6.0 V 4.2 3.2 - V VCC = 9.0 V 6.3 4.7 - V VIL LOW-level input voltage VCC = 2.0 V - 0.8 0.5 V VCC = 4.5 V - 2.1 1.35 V VCC = 6.0 V - 2.8 1.8 V VCC = 9.0 V - 4.3 2.7 V II input leakage current VEE = 0 V; VI =VCC or GND VCC = 6.0 V - - 0.1 A VCC = 10.0 V - - 0.2 A IS(OFF) OFF-state leakage current VCC = 10.0 V; VEE = 0 V; VI =VIH or VIL; V SW =VCC VEE; see Figure 11 per channel - - 0.1 A all channels - - 0.4 A IS(ON) ON-state leakage current VI =VIH or VIL; VSW =VCC VEE; VCC = 10.0 V; VEE = 0 V; see Figure 12 -- 0.4 A |
유사한 부품 번호 - 74HCT4051PW |
|
유사한 설명 - 74HCT4051PW |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |