전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM04H-P05-40K-N51-TR 데이터시트(PDF) 14 Page - Everlight Electronics Co., Ltd

부품명 KM04H-P05-40K-N51-TR
상세설명  Robust package with high lumens
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

KM04H-P05-40K-N51-TR 데이터시트(HTML) 14 Page - Everlight Electronics Co., Ltd

Back Button KM04H-P05-40K-N51-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 11Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 12Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 13Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 14Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 15Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 16Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 17Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 18Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2012-04-02 19:22:39.0
DATASHEET
EHP- B05 Series
14 Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Dimensions
Notes.
1.
Dimensions are in millimeters.
2.
Tolerances for fixed dimensions are ± 0.25mm.


유사한 부품 번호 - KM04H-P05-40K-N51-TR

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
KM00.1105.11 SCHURTER-KM00.1105.11 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
KM00.1105.11 SCHURTER-KM00.1105.11 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
KM00.1205.11 SCHURTER-KM00.1205.11 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
KM00.1205.11 SCHURTER-KM00.1205.11 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
KM00.2105.11 SCHURTER-KM00.2105.11 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
More results

유사한 설명 - KM04H-P05-40K-N51-TR

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
   Robust package
XZFMDK14A SUNLED-XZFMDK14A Datasheet
250Kb / 4P
   Robust package
XZFMDK07C SUNLED-XZFMDK07C Datasheet
266Kb / 4P
   Robust package
XDVG14C2 SUNLED-XDVG14C2 Datasheet
227Kb / 3P
   Robust package
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com