전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM14H-P05-35K-N52-TR 데이터시트(PDF) 5 Page - Everlight Electronics Co., Ltd

부품명 KM14H-P05-35K-N52-TR
상세설명  Robust package with high lumens
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

KM14H-P05-35K-N52-TR 데이터시트(HTML) 5 Page - Everlight Electronics Co., Ltd

  KM14H-P05-35K-N52-TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd KM14H-P05-35K-N52-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2012-04-02 19:22:39.0
DATASHEET
EHP- B05 Series
5
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
PN of the B05 series: Typ. CRI 75 White LEDs
The table below is a list of part numbers for the EHP-B05 5W series White LED. All parts listed match ANSI
binning standards. Bin offerings of 2700K to 6500K are listed and currently available. CRI is also listed with min
70 to 80. Typical view angle is 140°. These clearly listed binning options allow for proper design and
implementation into lighting applications.
For Example: If you order product using EHP-B05MLG/GT04H-P05/57K/R11/TR, you will get White,
EHP-B05 series LEDs at 700mA are listed below.
EHP-B05MLG represents by **
Color
Order Code of EHP-B05
Luminous Flux
(lm) [1]
CCT(K)
Forward
Voltage
(V) [2]
CRI
Typ
CRI
Min
[3]
**/GT04H-P05/65K/R11/TR
400-450
450-500
**/GT14H-P05/65K/R12/TR
450-500
500-550
65K-1~65K-4
6.0 - 7.0
75
70
**/GT04H-P05/57K/R11/TR
400-450
450-500
**/GT14H-P05/57K/R12/TR
450-500
500-550
57K-1~57K-4
6.0 - 7.0
75
70
**/GT04H-P05/50K/R11/TR
400-450
450-500
**/GT14H-P05/50K/R12/TR
450-500
500-550
50K-1~50K-4
6.0 - 7.0
75
70
**/LM04H-P05/45K/N52/TR
375-400
400-450
45K-1~45K-4
6.0 - 7.0
75
70
**/LM04H-P05/40K/N52/TR
350-400
400-450
40K-1~40K-4
6.0 - 7.0
75
70
Color
Variant
Radiation
Pattern
CRI
Typ
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Cool
White
Lambertian
75
57K-1 ~ 57K-2
57K-3 ~ 57K-4
6.0~6.5(O4)
6.5~7.0(O5)
400
Cool
White
6500
Cool
White
5700
Neutral
White
4500
Cool
White
5000
Neutral
White
4000


유사한 부품 번호 - KM14H-P05-35K-N52-TR

제조업체부품명데이터시트상세설명
logo
Kwazar-IS
KM140UD20 KWAZAR-KM140UD20 Datasheet
149Kb / 1P
   integrated circuit
More results

유사한 설명 - KM14H-P05-35K-N52-TR

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
   Robust package
XZFMDK14A SUNLED-XZFMDK14A Datasheet
250Kb / 4P
   Robust package
XZFMDK07C SUNLED-XZFMDK07C Datasheet
266Kb / 4P
   Robust package
XDVG14C2 SUNLED-XDVG14C2 Datasheet
227Kb / 3P
   Robust package
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com