전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N137S(TA)-V 데이터시트(PDF) 8 Page - Everlight Electronics Co., Ltd

부품명 6N137S(TA)-V
상세설명  8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N137S(TA)-V 데이터시트(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 6N137S(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6N137S(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N137S(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N137S(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N137S(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N137S(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd 6N137S(TA)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd 6N137S(TA)-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd 6N137S(TA)-V Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
8
http://www.everlight.com
Document No
:DPC-0000120 Rev. 2
November 2, 2011
6N137
EL26XX series
Switching Pos. (B), IF=7.5mA
Switching Pos. (A), IF=0
CML
CMH
VO(Min)
VO(Max)
Peak
VCM
0V
5V
Vo
VCM
0.5V
Fig. 14 Test circuit Common mode Transient Immunity
μ
Ω
Fig. 15 Recommended drive circuit for ELW2611 families for high-CMR


유사한 부품 번호 - 6N137S(TA)-V

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
6N137S(TA)-V EVERLIGHT-6N137S(TA)-V Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

유사한 설명 - 6N137S(TA)-V

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137_13 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELW137 EVERLIGHT-ELW137_13 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL06XX EVERLIGHT-EL06XX_14 Datasheet
411Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
EL060L EVERLIGHT-EL060L Datasheet
1Mb / 13P
   8 PIN SOP 3.3V HIGH SPEED - 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL063X EVERLIGHT-EL063X Datasheet
854Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com