전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4003-G 데이터시트(PDF) 1 Page - Comchip Technology

부품명 1N4003-G
상세설명  General Purpose Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4003-G 데이터시트(HTML) 1 Page - Comchip Technology

  1N4003-G Datasheet HTML 1Page - Comchip Technology 1N4003-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Symbol
Unit
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
O
0.375"(9.5mm) Lead Length @TA=55
C
Peak Forward Surge Current,
8.3mS single half sine-wave superimposed on
rated load (JEDEC method)
Maximum Instantaneous Forward Voltage @1.0A
Maximum DC Reverse Current at Rated
Operating Temperature Range
Storage Ttemperature Range
O
TA=25 C
DC Blocking voltage per element
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
50
35
50
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
RθJA
TJ
TSTG
1.0
30
5.0
50
15
60
-55 ~ +150
-55 ~ +150
V
V
V
A
A
V
P
F
OC
OC
μA
OC/W
NOTES:
1. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
2
2. Thermal Resistance from junction to terminal 6.0mm copper pads to each terminal.
Voltage: 50 to 1000 V
Current: 1.0 A
RoHS Device
Dimensions in inches and (millimeter)
DO-41
Features
-Low cost construction.
-Fast forward voltage drop.
-Low reverse leakage.
-High forward surge current capability.
O
-High soldering temperature guarantee: 260 C/10
seconds, 0.375”(9.5mm) lead length at 5lbs(2.3kg)
tension.
Mechanical data
-Case: transfer molded plastic, DO-41
-Epoxy: UL 94V-0 rate flame retardant
-Polarity: Indicated by cathode band
-Lead: Plated axial lead, solderable per MIL-STD-
202E, method 208C
-Mounting position: Any
-Weight: 0.012ounce, 0.33 grams
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
1N4001-G Thru. 1N4007-G
Page 1
QW-BG013
General Purpose Silicon Rectifiers
REV:A
Comchip Technology CO., LTD.
0.205(5.20)
1.0(25.40) Min.
0.107(2.70)
0.034(0.90)
0.028(0.70)
0.080(2.00)
0.160(4.20)
1.0(25.40) Min.
1.1
30
-G
4001
1N
-G
4002
1N
-G
4003
1N
-G
4004
1N
-G
4005
1N
-G
4006
1N
-G
4007
1N
O
TA=100 C
Maximum Full Load Reverse Current,full cycle
average 0.375”(9.5mm)lead length at TL=75 C
O
IR(AV)
μA
Electrical Characteristics (at TA=25°C unless otherwise noted)
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.


유사한 부품 번호 - 1N4003-G

제조업체부품명데이터시트상세설명
logo
Comchip Technology
1N4003-G COMCHIP-1N4003-G Datasheet
97Kb / 2P
   General Purpose Rectifier
More results

유사한 설명 - 1N4003-G

제조업체부품명데이터시트상세설명
logo
Comchip Technology
A1N4007G-G COMCHIP-A1N4007G-G Datasheet
81Kb / 3P
   General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
S1ABF-PJ PJSEMI-S1ABF-PJ Datasheet
483Kb / 3P
   GENERAL PURPOSE SILICON RECTIFIERS
logo
Semtech Corporation
1N4245 SEMTECH-1N4245 Datasheet
87Kb / 2P
   General Purpose Silicon Rectifiers
logo
Comchip Technology
1N4007T-G COMCHIP-1N4007T-G Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
6A005-G COMCHIP-6A005-G Datasheet
66Kb / 3P
   General Purpose Silicon Rectifiers
A1N5404G-G COMCHIP-A1N5404G-G Datasheet
85Kb / 4P
   General Purpose Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N5391S SEMTECH_ELEC-1N5391S Datasheet
178Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
S1A-1DSMA YFWDIODE-S1A-1DSMA Datasheet
522Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com